Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS8DNH3LL Datasheet(PDF) 9 Page - STMicroelectronics

Part # STS8DNH3LL
Description  Dual n-channel 30 V - 0.018 廓 - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8DNH3LL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STS8DNH3LL Datasheet HTML 4Page - STMicroelectronics STS8DNH3LL Datasheet HTML 5Page - STMicroelectronics STS8DNH3LL Datasheet HTML 6Page - STMicroelectronics STS8DNH3LL Datasheet HTML 7Page - STMicroelectronics STS8DNH3LL Datasheet HTML 8Page - STMicroelectronics STS8DNH3LL Datasheet HTML 9Page - STMicroelectronics STS8DNH3LL Datasheet HTML 10Page - STMicroelectronics STS8DNH3LL Datasheet HTML 11Page - STMicroelectronics STS8DNH3LL Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STS8DNH3LL
Package mechanical data
9/12
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - STS8DNH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
   DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
More results

Similar Description - STS8DNH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS9NH3LL STMICROELECTRONICS-STS9NH3LL_07 Datasheet
343Kb / 13P
   N-channel 30 V - 0.018 廓 - 9 A - SO-8 low gate charge STripFET??III Power MOSFET
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
   DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
STS8C5H30L_0707 STMICROELECTRONICS-STS8C5H30L_0707 Datasheet
429Kb / 14P
   N-channel 30V - 0.018 廓 - 8A/p-channel 30V - 0.045 廓 - 5A - SO-8 Low gate charge STripFET??III MOSFET
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_07 Datasheet
316Kb / 13P
   N-channel 30 V - 0.008 廓 - 12 A - SO-8 ultra low gate charge STripFET??Power MOSFET
STS12NH3LL STMICROELECTRONICS-STS12NH3LL Datasheet
178Kb / 7P
   N-CHANNEL 30 V - 0.008 ??- 12 A SO-8 ULTRA LOW GATE CHARGE STripFET??MOSFET
STS8DN3LLH5 STMICROELECTRONICS-STS8DN3LLH5 Datasheet
775Kb / 12P
   Dual N-channel 30 V, 0.0155 廓, 10 A, SO-8 STripFET??V Power MOSFET
STS11N3LLH5 STMICROELECTRONICS-STS11N3LLH5 Datasheet
732Kb / 12P
   N-channel 30 V, 0.0117 廓, 11 A, SO-8 STripFET??V Power MOSFET
June 2011 Rev 2
STS14N3LLH5 STMICROELECTRONICS-STS14N3LLH5 Datasheet
419Kb / 12P
   N-channel 30 V, 0.005 廓, 14 A - SO-8 STripFET??V Power MOSFET
STS10N3LH5 STMICROELECTRONICS-STS10N3LH5 Datasheet
778Kb / 13P
   N-channel 30 V, 0.019 廓, 10 A, SO-8 STripFET??V Power MOSFET
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
   N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com