Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS8C5H30L_0707 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STS8C5H30L_0707
Description  N-channel 30V - 0.018 廓 - 8A/p-channel 30V - 0.045 廓 - 5A - SO-8 Low gate charge STripFET??III MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8C5H30L_0707 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STS8C5H30L_0707 Datasheet HTML 3Page - STMicroelectronics STS8C5H30L_0707 Datasheet HTML 4Page - STMicroelectronics STS8C5H30L_0707 Datasheet HTML 5Page - STMicroelectronics STS8C5H30L_0707 Datasheet HTML 6Page - STMicroelectronics STS8C5H30L_0707 Datasheet HTML 7Page - STMicroelectronics STS8C5H30L_0707 Datasheet HTML 8Page - STMicroelectronics STS8C5H30L_0707 Datasheet HTML 9Page - STMicroelectronics STS8C5H30L_0707 Datasheet HTML 10Page - STMicroelectronics STS8C5H30L_0707 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STS8C5H30L
Electrical characteristics
7/14
Figure 8.
Gate charge vs. gate-source voltage
n-ch
Figure 9.
Capacitance variations n-ch
Figure 10. Normalized gate threshold voltage
vs. temperature n-ch
Figure 11. Normalized on resistance vs.
temperature n-ch
Figure 12. Source-drain diode forward
characteristics n-ch
Figure 13. Normalized breakdown voltage vs.
temperature n-ch


Similar Part No. - STS8C5H30L_0707

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
   N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
More results

Similar Description - STS8C5H30L_0707

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
   N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
   DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
STS4C3F30L STMICROELECTRONICS-STS4C3F30L Datasheet
392Kb / 14P
   N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
STS11NF30L STMICROELECTRONICS-STS11NF30L_07 Datasheet
332Kb / 12P
   N-channel 30V - 0.0085廓 - 11A SO-8 Low gate charge STripFET??II Power MOSFET
STS9NH3LL STMICROELECTRONICS-STS9NH3LL_07 Datasheet
343Kb / 13P
   N-channel 30 V - 0.018 廓 - 9 A - SO-8 low gate charge STripFET??III Power MOSFET
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL_08 Datasheet
315Kb / 12P
   Dual n-channel 30 V - 0.018 廓 - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
   N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
STS7PF30L STMICROELECTRONICS-STS7PF30L_07 Datasheet
234Kb / 11P
   P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
   N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
   N-channel 30V - 0.018廓 - 40A - TO-220 STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com