Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS4C3F30L Datasheet(PDF) 6 Page - STMicroelectronics

Part # STS4C3F30L
Description  N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4C3F30L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STS4C3F30L Datasheet HTML 2Page - STMicroelectronics STS4C3F30L Datasheet HTML 3Page - STMicroelectronics STS4C3F30L Datasheet HTML 4Page - STMicroelectronics STS4C3F30L Datasheet HTML 5Page - STMicroelectronics STS4C3F30L Datasheet HTML 6Page - STMicroelectronics STS4C3F30L Datasheet HTML 7Page - STMicroelectronics STS4C3F30L Datasheet HTML 8Page - STMicroelectronics STS4C3F30L Datasheet HTML 9Page - STMicroelectronics STS4C3F30L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STS4C3F30L
6/14
2.1
Electrical characteristics (curves)
Figure 1.
Safe operating area n-ch
Figure 2.
Thermal impedance n-ch
Figure 3.
Output characterisics n-ch
Figure 4.
Transfer characteristics n-ch
Figure 5.
Transconductance n-ch
Figure 6.
Static drain-source on resistance
n-ch


Similar Part No. - STS4C3F30L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS4C3F30L VBSEMI-STS4C3F30L Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - STS4C3F30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5PF30L STMICROELECTRONICS-STS5PF30L Datasheet
45Kb / 6P
   P - CHANNEL 30V - 0.053ohm - 5A SO-8 STripFET POWER MOSFET
STS2DNF30L_0705 STMICROELECTRONICS-STS2DNF30L_0705 Datasheet
296Kb / 12P
   Dual N-channel 30V - 0.09廓 - 3A SO-8 STripFET??Power MOSFET
STS12NF30L_0705 STMICROELECTRONICS-STS12NF30L_0705 Datasheet
321Kb / 12P
   N-channel 30V - 0.008廓 - 12A SO-8 STripFET??II Power MOSFET
STS8C5H30L_0707 STMICROELECTRONICS-STS8C5H30L_0707 Datasheet
429Kb / 14P
   N-channel 30V - 0.018 廓 - 8A/p-channel 30V - 0.045 廓 - 5A - SO-8 Low gate charge STripFET??III MOSFET
STS5PF30L STMICROELECTRONICS-STS5PF30L_07 Datasheet
300Kb / 12P
   P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
STS7PF30L STMICROELECTRONICS-STS7PF30L_07 Datasheet
234Kb / 11P
   P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
STS8NF30L STMICROELECTRONICS-STS8NF30L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.018ohm - 8A SO-8 STripFET POWER MOSFET
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
   N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com