Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS2DNF30L Datasheet(PDF) 9 Page - STMicroelectronics

Part # STS2DNF30L
Description  Dual N-channel 30V - 0.09廓 - 3A SO-8 STripFET??Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS2DNF30L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STS2DNF30L Datasheet HTML 4Page - STMicroelectronics STS2DNF30L Datasheet HTML 5Page - STMicroelectronics STS2DNF30L Datasheet HTML 6Page - STMicroelectronics STS2DNF30L Datasheet HTML 7Page - STMicroelectronics STS2DNF30L Datasheet HTML 8Page - STMicroelectronics STS2DNF30L Datasheet HTML 9Page - STMicroelectronics STS2DNF30L Datasheet HTML 10Page - STMicroelectronics STS2DNF30L Datasheet HTML 11Page - STMicroelectronics STS2DNF30L Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STS2DNF30L
Package mechanical data
9/12
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at : www.st.com


Similar Part No. - STS2DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
295Kb / 12P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STS2DNF30L DOINGTER-STS2DNF30L Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STS2DNF30L STMICROELECTRONICS-STS2DNF30L_07 Datasheet
295Kb / 12P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
More results

Similar Description - STS2DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
STS2DNF30L STMICROELECTRONICS-STS2DNF30L_07 Datasheet
295Kb / 12P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
STS4C3F30L STMICROELECTRONICS-STS4C3F30L Datasheet
392Kb / 14P
   N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
STS12NF30L_0705 STMICROELECTRONICS-STS12NF30L_0705 Datasheet
321Kb / 12P
   N-channel 30V - 0.008廓 - 12A SO-8 STripFET??II Power MOSFET
STS7DNF30L STMICROELECTRONICS-STS7DNF30L Datasheet
46Kb / 6P
   DUAL N - CHANNEL 30V - 0.018ohm - 7A SO-8 STripFET POWER MOSFET
STS6DNF30L STMICROELECTRONICS-STS6DNF30L Datasheet
83Kb / 8P
   DUAL N - CHANNEL 30V - 0.022ohm - 6A SO-8 STripFET POWER MOSFET
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
   DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET??POWER MOSFET
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
   N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
   Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com