Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN2088DE6TA Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXMN2088DE6TA
Description  20V Dual SOT23-6 N-channel enhancement mode MOSFET with low gate drive capability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN2088DE6TA Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXMN2088DE6TA Datasheet HTML 1Page - Zetex Semiconductors ZXMN2088DE6TA Datasheet HTML 2Page - Zetex Semiconductors ZXMN2088DE6TA Datasheet HTML 3Page - Zetex Semiconductors ZXMN2088DE6TA Datasheet HTML 4Page - Zetex Semiconductors ZXMN2088DE6TA Datasheet HTML 5Page - Zetex Semiconductors ZXMN2088DE6TA Datasheet HTML 6Page - Zetex Semiconductors ZXMN2088DE6TA Datasheet HTML 7Page - Zetex Semiconductors ZXMN2088DE6TA Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXMN2088DE6
Packaging details – SOT236
Issue 2 – June 2008
7
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com


Similar Part No. - ZXMN2088DE6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN2088DE6TA DIODES-ZXMN2088DE6TA Datasheet
233Kb / 8P
   20V Dual SOT23-6 N-channel enhancement mode MOSFET
logo
VBsemi Electronics Co.,...
ZXMN2088DE6TA VBSEMI-ZXMN2088DE6TA Datasheet
522Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - ZXMN2088DE6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2B03E6 ZETEX-ZXMN2B03E6 Datasheet
579Kb / 8P
   20V SOT23-6 N-channel enhancement mode MOSFET with low gate drive capability
ZXMN2B14FH ZETEX-ZXMN2B14FH Datasheet
422Kb / 8P
   20V SOT23 N-channel enhancement mode MOSFET with low gate drive capability
ZXMN2B01F ZETEX-ZXMN2B01F Datasheet
379Kb / 8P
   20V SOT23 N-channel enhancement mode MOSFET with low gate drive capability
logo
ZP Semiconductor
ZXMN2B01F ZPSEMI-ZXMN2B01F Datasheet
226Kb / 3P
   20V SOT23 N-channel enhancement mode MOSFET with low gate drive capability
ZXMN2B14FH ZPSEMI-ZXMN2B14FH Datasheet
195Kb / 3P
   20V SOT23 N-channel enhancement mode MOSFET with low gate drive capability
logo
Diodes Incorporated
ZXMN2088DE6 DIODES-ZXMN2088DE6 Datasheet
233Kb / 8P
   20V Dual SOT23-6 N-channel enhancement mode MOSFET
ZXMN2B03E6 DIODES-ZXMN2B03E6 Datasheet
591Kb / 8P
   20V SOT23-6 N-channel enhancement mode MOSFET
logo
ZP Semiconductor
ZXMN2F30FH ZPSEMI-ZXMN2F30FH Datasheet
202Kb / 3P
   20V SOT23 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN2F30FH ZETEX-ZXMN2F30FH Datasheet
413Kb / 8P
   20V SOT23 N-channel enhancement mode MOSFET
ZXMN2F34FH ZETEX-ZXMN2F34FH Datasheet
490Kb / 8P
   20V SOT23 N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com