Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP130NH02L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP130NH02L
Description  N-channel 24V - 0.0034廓 - 120A - TO-220 STripFET??Power MOSFET for DC-DC conversion
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP130NH02L Datasheet(HTML) 3 Page - STMicroelectronics

  STP130NH02L Datasheet HTML 1Page - STMicroelectronics STP130NH02L Datasheet HTML 2Page - STMicroelectronics STP130NH02L Datasheet HTML 3Page - STMicroelectronics STP130NH02L Datasheet HTML 4Page - STMicroelectronics STP130NH02L Datasheet HTML 5Page - STMicroelectronics STP130NH02L Datasheet HTML 6Page - STMicroelectronics STP130NH02L Datasheet HTML 7Page - STMicroelectronics STP130NH02L Datasheet HTML 8Page - STMicroelectronics STP130NH02L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STP130NH02L
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Symbol
Parameter
Value
Unit
Vspike
(1)
)
1.
Guaranteed when external Rg=4.7
Ω and tf < tfmax
Drain-source voltage rating
30
V
VDS
Drain-source voltage (VGS = 0)
24
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)24
V
VGS
Gate- source voltage
± 20
V
ID
(2)
2.
Value limited by wire bonding
Drain current (continuous) at TC = 25°C
90
A
ID
(2)
Drain current (continuous) at TC = 100°C
90
A
IDM
(3)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
360
A
Ptot
Total dissipation at TC = 25°C
150
W
Derating factor
1
W/°C
EAS
(4)
4.
Starting TJ = 25°C, ID = 45A, VDD = 10V
Single pulse avalanche energy
900
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
Rthj-case
Rthj-amb
Tl
Thermal resistance junction-case max
Thermal resistance junction-ambient max
Maximum lead temperature for soldering purpose
1.0
62.5
300
°C/W
°C/W
°C


Similar Part No. - STP130NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP130NH02L STMICROELECTRONICS-STP130NH02L Datasheet
321Kb / 13P
   N-CHANNEL 24V - 0.0034 ??- 120A D짼PAK/TO-220 STripFET??III POWER MOSFET FOR DC-DC CONVERSION
More results

Similar Description - STP130NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB130NH02L STMICROELECTRONICS-STB130NH02L Datasheet
321Kb / 13P
   N-CHANNEL 24V - 0.0034 ??- 120A D짼PAK/TO-220 STripFET??III POWER MOSFET FOR DC-DC CONVERSION
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
   N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
STB180N55F3 STMICROELECTRONICS-STB180N55F3 Datasheet
440Kb / 14P
   N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
STP120NH03L STMICROELECTRONICS-STP120NH03L Datasheet
508Kb / 17P
   N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
   N-channel 40V - 0.0035廓 - 120A - D2PAK - TO-220 planar STripFET??Power MOSFET
STB160N75F3_0710 STMICROELECTRONICS-STB160N75F3_0710 Datasheet
390Kb / 16P
   N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
49Kb / 6P
   N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
STSJ80N4LLF3 STMICROELECTRONICS-STSJ80N4LLF3 Datasheet
298Kb / 12P
   N-channel 40V - 0.0042廓 - 18A - PowerSO-8??STripFET?줚II Power MOSFET for DC-DC conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com