Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMC3F31DN8 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMC3F31DN8
Description  30V SO8 Complementary dual enhancement mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMC3F31DN8 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMC3F31DN8 Datasheet HTML 1Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 2Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 3Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 4Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 5Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 6Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 7Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 8Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ZXMC3F31DN8
Q1 N-channel electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static
Drain-Source breakdown
voltage
V(BR)DSS
30
V
ID = 250μA, VGS=0V
Zero Gate voltage Drain
current
IDSS
0.5
µA
VDS=30V, VGS=0V
Gate-Body leakage
IGSS
100
nA
VGS20V, VDS=0V
Gate-Source threshold
voltage
VGS(th)
1.0
3.0
V
ID= 250μA, VDS=VGS
Static Drain-Source
on-state resistance
(*)
RDS(on)
0.024
0.039
VGS= 10V, ID= 7.0A
VGS= 4.5, ID= 6.0A
Forward
Transconductance
(*) (†)
gfs
16.5
S
VDS= 15V, ID= 7.0A
Dynamic
(†)
Input capacitance
Ciss
608
pF
Output capacitance
Coss
132
pF
Reverse transfer
capacitance
Crss
72
pF
VDS= 15V, VGS=0V
f=1MHz
Switching
(‡) (†)
Turn-on-delay time
td(on)
2.9
ns
Rise time
tr
3.3
ns
Turn-off delay time
td(off)
16
ns
Fall time
tf
8
ns
VDD= 15V, VGS=10V
ID= 1A
RG ≅ 6.0Ω,
Total Gate charge
Qg
12.9
nC
Gate-Source charge
Qgs
2.5
nC
Gate-Drain charge
Qgd
2.52
nC
VDS= 15V, VGS= 10V
ID= 7A
Source–Drain diode
Diode forward voltage
(*)
VSD
0.82
1.2
V
IS= 1.7A,VGS=0V
Reverse recovery time
(‡)
trr
12
ns
Reverse recovery charge
(‡)
Qrr
4.8
nC
IS= 2.2A,di/dt=100A/μs
NOTES:
(*) Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%.
(†)Switching characteristics are independent of operating junction temperature.
(‡)For design aid only, not subject to production testing
Issue 1 - September 2008
4
© Diodes Incorporated 2008
www.zetex.com
www.diodes.com


Similar Part No. - ZXMC3F31DN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3F31DN8 DIODES-ZXMC3F31DN8 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode
ZXMC3F31DN8TA DIODES-ZXMC3F31DN8TA Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode
ZXMC3F31DN8 DIODES-ZXMC3F31DN8_15 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
More results

Similar Description - ZXMC3F31DN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3F31DN8 DIODES-ZXMC3F31DN8_15 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
ZXMC3F31DN8 DIODES-ZXMC3F31DN8 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode
ZXMHC3F381N8 DIODES-ZXMHC3F381N8 Datasheet
738Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3A01N8 DIODES-ZXMHC3A01N8 Datasheet
727Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMC10A816N8 DIODES-ZXMC10A816N8 Datasheet
188Kb / 11P
   100V SO8 Complementary Dual enhancement mode MOSFET
ZXMP3F37DN8 DIODES-ZXMP3F37DN8 Datasheet
250Kb / 8P
   30V SO8 Dual P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP3F37DN8 ZETEX-ZXMP3F37DN8 Datasheet
294Kb / 8P
   30V SO8 Dual P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3F31DN8 DIODES-ZXMN3F31DN8 Datasheet
433Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3G32DN8 ZETEX-ZXMN3G32DN8 Datasheet
419Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3G32DN8 DIODES-ZXMN3G32DN8 Datasheet
450Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com