Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLD1352 Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXLD1352
Description  350mA LED driver with internal switch and enhanced PWM dimming range
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1352 Datasheet(HTML) 8 Page - Zetex Semiconductors

Back Button ZXLD1352 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1352 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1352 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1352 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1352 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1352 Datasheet HTML 9Page - Zetex Semiconductors ZXLD1352 Datasheet HTML 10Page - Zetex Semiconductors ZXLD1352 Datasheet HTML 11Page - Zetex Semiconductors ZXLD1352 Datasheet HTML 12Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ZXLD1352
Issue 1 - August 2008
8
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
Typical operating conditions
For typical application circuit driving 1W Luxeon® white LED(s) at VIN =12V and Tamb=25°C unless
otherwise stated.
s
D
E
L
f
o
.
o
N
s
v
y
c
n
e
i
c
i
f
f
E
s
m
h
O
3
3
.
0
=
s
R
,
H
u
0
0
1
=
L
0
7
5
7
0
8
5
8
0
9
5
9
0
0
1
0
3
5
2
0
2
5
1
0
1
5
)
V
(
N
I
V
D
E
L
1
D
E
L
2
D
E
L
3
D
E
L
4
D
E
L
5
D
E
L
6
D
E
L
7
D
E
L
8
e
g
a
t
l
o
V
t
u
p
n
I
s
v
e
l
c
y
C
y
t
u
D
s
m
h
O
3
3
.
0
=
s
R
,
H
u
0
0
1
=
L
0
2
.
0
4
.
0
6
.
0
8
.
0
1
2
.
1
0
3
5
2
0
2
5
1
0
1
5
)
V
(
N
I
V
D
E
L
1
D
E
L
2
D
E
L
3
D
E
L
4
D
E
L
5
D
E
L
6
D
E
L
7
D
E
L
8
e
g
a
t
l
o
V
t
u
p
n
I
s
v
y
c
n
e
u
q
e
r
F
g
n
i
t
a
r
e
p
O
s
m
h
O
3
3
.
0
=
s
R
,
H
u
0
0
1
=
L
0
0
0
1
0
0
2
0
0
3
0
0
4
0
0
5
0
0
6
0
3
5
2
0
2
5
1
0
1
5
)
V
(
N
I
V
D
E
L
1
D
E
L
2
D
E
L
3
D
E
L
4
D
E
L
5
D
E
L
6
D
E
L
7
D
E
L
8
e
g
a
t
l
o
V
y
l
p
p
u
S
h
t
i
w
n
o
i
t
a
i
r
a
v
t
n
e
r
r
u
c
t
u
p
t
u
O
s
m
h
O
3
3
.
0
=
s
R
,
H
u
0
0
1
=
L
8
-
6
-
4
-
2
-
0
2
4
6
8
0
3
5
2
0
2
5
1
0
1
5
)
V
(
N
I
V
D
E
L
1
D
E
L
2
D
E
L
3
D
E
L
4
D
E
L
5
D
E
L
6
D
E
L
7


Similar Part No. - ZXLD1352

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1352 DIODES-ZXLD1352 Datasheet
280Kb / 21P
   30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
More results

Similar Description - ZXLD1352

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350_07 Datasheet
727Kb / 24P
   350mA LED driver with internal switch
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
   350mA LED driver with internal switch
logo
Maxim Integrated Produc...
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Diodes Incorporated
ZXLD1352 DIODES-ZXLD1352 Datasheet
280Kb / 21P
   30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
logo
Supertex, Inc
HV9963 SUTEX-HV9963 Datasheet
725Kb / 12P
   Closed Loop LED Driver with Enhanced PWM Dimming
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com