Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBT15622R2YA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EBT15622R2YA
Description  Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBT15622R2YA Datasheet(HTML) 1 Page - Vishay Siliconix

  EBT15622R2YA Datasheet HTML 1Page - Vishay Siliconix EBT15622R2YA Datasheet HTML 2Page - Vishay Siliconix EBT15622R2YA Datasheet HTML 3Page - Vishay Siliconix EBT15622R2YA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
17
EBT156
Vishay Dale
Document Number 36007
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
Edgeboard Connectors
Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
FEATURES
• 0.156" [3.96mm] C-C.
• Modified tuning fork contacts have chamfered lead-in to
reduce wear on printed circuit board contacts without
sacrificing contact pressure and wiping action.
• Accepts PC board thickness of 0.054" to 0.070" [1.37mm
to 1.78mm].
• Polarization on or between contact position in all sizes.
Between contact polarization permits polarizing without loss
of a contact position.
• Polarizing key is reinforced nylon, may be inserted by hand,
requires no adhesive.
• Protected entry, provided by recessed leading edge of
contact, permits the card slot to straighten and align the
board before electrical contact is made. Prevents damage
to contacts which might be caused by warped or out of
tolerance boards.
• Optional terminal configurations, including eyelet (Type A),
dip-solder (Types B, C, D, R), Wire Wrap™ (Types E, F).
• Connectors with Type A, B, C, D or R contacts are
recognized under the Component Program of
Underwriters Laboratories, Inc.
Listed under
File 65524, Project 77CH3889.
ELECTRICAL SPECIFICATIONS
Current Rating: 5 amps.
Test Voltage Between Contacts:
At Sea Level: 1800VRMS.
At 70,000 feet [21,336 meters]: 450VRMS.
Insulation Resistance: 5000 Megohm minimum.
Contact Resistance: (Voltage Drop) 30 millivolts maximum
at rated current with gold flash.
APPLICATIONS
For use with 0.062" [1.57mm] printed circuit boards requiring
an edgeboard type connector on 0.156" [3.96mm] centers.
MATERIAL SPECIFICATIONS
Body: Glass-filled phenolic per MIL-M-14, Type MFH, black,
flame retardant (UL 94V-0).
Contacts: Copper alloy.
Finish: 1 = Electro tin plated. 2 = Gold flash.
Polarizing Key: Glass-filled nylon.
Optional Threaded Mounting Insert: Nickel plated brass
(Type Y).
Optional Floating Mounting Bushing: Cadmium plated
brass (Type Z).
PHYSICAL SPECIFICATIONS
Number of Contacts: 6, 10, 12, 15, 18 or 22.
Contact Spacing: 0.156" [3.96mm].
Card Thickness: 0.054" to 0.070" [1.37mm to 1.78mm].
Card Slot Depth: 0.330" [8.38mm].
ORDERING INFORMATION
Required only when polarizing
key(s) are to be factory
installed.
Polarization key replaces
contact. When polarizing key(s)
replaces contact(s), indicate by
adding suffix
“9” to contact position(s)
desired. Example: A9, J9
means keys replace terminals A
and J.
Required only when polarizing key(s) are to
be factory installed.
Polarization key positions: Between contact
polarization key(s) are located to the right of
the contact position(s) desired.
Example: A, J means keys between A and
B, and J and K.
W, X,
Y, Z
1 = Electro Tin
Plated
2 = Gold Flash
A, B, C, D,
E, F, R
6, 10, 12,
15, 18, 22
A9, J9
ON CONTACT
POLARIZATION
A, J
BETWEEN CONTACT
POLARIZATION
X
MOUNTING
VARIATIONS
1
CONTACT
FINISH
A
CONTACT TERMINAL
VARIATIONS
10
CONTACTS
EBT156
MODEL


Similar Part No. - EBT15622R2YA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBT15622R2WAA9 VISHAY-EBT15622R2WAA9 Datasheet
266Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap Termination
Revision: 16-Feb-09
More results

Similar Description - EBT15622R2YA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBT156 VISHAY-EBT156_V01 Datasheet
250Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
01-Jan-2022
EBT156 VISHAY-EBT156_09 Datasheet
266Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap Termination
Revision: 16-Feb-09
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
logo
Soberton Inc.
SP-4005-1 SOBERTON-SP-4005-1 Datasheet
238Kb / 1P
   Solder Eyelet Wire
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com