Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKE00JE233X00K Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MALREKE00JE233X00K
Description  Aluminum Capacitors Radial Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKE00JE233X00K Datasheet(HTML) 5 Page - Vishay Siliconix

  MALREKE00JE233X00K Datasheet HTML 1Page - Vishay Siliconix MALREKE00JE233X00K Datasheet HTML 2Page - Vishay Siliconix MALREKE00JE233X00K Datasheet HTML 3Page - Vishay Siliconix MALREKE00JE233X00K Datasheet HTML 4Page - Vishay Siliconix MALREKE00JE233X00K Datasheet HTML 5Page - Vishay Siliconix MALREKE00JE233X00K Datasheet HTML 6Page - Vishay Siliconix MALREKE00JE233X00K Datasheet HTML 7Page - Vishay Siliconix MALREKE00JE233X00K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25008
314
Revision: 15-Jul-08
EKE
Vishay Roederstein
Aluminum Capacitors
Radial Style
50
0.22
5 x 11
0.10
602.9
8.00
18
0.42
MALREKE00AA022H00K
0.47
5 x 11
0.10
282.2
5.00
25
0.42
MALREKE00AA047H00K
1.0
5 x 11
0.10
132.6
3.50
40
0.42
MALREKE00AA110H00K
2.2
5 x 11
0.10
60.29
3.00
55
0.42
MALREKE00AA122H00K
3.3
5 x 11
0.10
40.19
2.60
65
0.42
MALREKE00AA133H00K
4.7
5 x 11
0.10
28.22
2.30
90
0.42
MALREKE00AA147H00K
10
5 x 11
0.10
13.26
1.40
120
0.42
MALREKE00AA210H00K
22
5 x 11
0.10
6.029
1.20
150
0.42
MALREKE00AA222H00K
47
6.3 x 11
0.10
2.822
0.43
250
0.43
MALREKE00BA247H00K
100
8 x 11.5
0.10
1.326
0.24
340
1.05
MALREKE00PB310H00K
150
10 x 12.5
0.10
0.884
0.17
490
1.90
MALREKE00DC315H00K
220
10 x 16
0.10
0.603
0.12
650
2.40
MALREKE00DD322H00K
330
10 x 20
0.10
0.402
0.10
810
3.00
MALREKE00DE333H00K
470
12.5 x 20
0.10
0.282
0.085
1100
4.50
MALREKE00FE347H00K
1000
16 x 25
0.10
0.133
0.043
1600
6.60
MALREKE00JG410H00K
1500
16 x 31.5
0.12
0.106
0.038
2000
9.00
MALREKE00JS415H00K
2200
18 x 35.5
0.14
0.084
0.034
2300
11.5
MALREKE00KL422H00K
63
3.3
5 x 11
0.09
36.17
2.00
64
0.42
MALREKE00AA133J00K
4.7
5 x 11
0.09
25.40
2.00
76
0.42
MALREKE00AA147J00K
10
5 x 11
0.09
11.94
2.00
111
0.42
MALREKE00AA210J00K
22
6.3 x 11
0.09
5.426
0.60
190
0.43
MALREKE00BA222J00K
33
6.3 x 11
0.09
3.617
0.60
233
0.43
MALREKE00BA233J00K
47
8 x 11.5
0.09
2.540
0.50
328
1.05
MALREKE00PB247J00K
100
10 x 16
0.09
1.194
0.12
456
2.40
MALREKE00DD310J00K
150
10 x 20
0.09
0.796
0.10
610
3.00
MALREKE00DE315J00K
220
10 x 25
0.09
0.543
0.090
809
3.20
MALREKE00DG322J00K
330
12.5 x 20
0.09
0.362
0.085
1036
4.50
MALREKE00FE333J00K
470
16 x 20
0.09
0.254
0.050
1411
5.80
MALREKE00JE347J00K
1000
16 x 35.5
0.09
0.119
0.025
1967
10.0
MALREKE00JL410J00K
100
2.2
5 x 11
0.08
48.23
2.50
52
0.42
MALREKE00AA122L00K
3.3
5 x 11
0.08
32.15
2.50
64
0.42
MALREKE00AA133L00K
4.7
5 x 11
0.08
22.58
2.50
76
0.42
MALREKE00AA147L00K
10
6.3 x 11
0.08
10.61
1.00
128
0.43
MALREKE00BA210L00K
22
8 x 11.5
0.08
4.823
0.60
224
1.05
MALREKE00PB222L00K
33
10 x 12.5
0.08
3.215
0.40
319
1.90
MALREKE00DC233L00K
47
10 x 16
0.08
2.258
0.30
417
2.40
MALREKE00DD247L00K
100
12.5 x 20
0.08
1.061
0.15
570
4.50
MALREKE00FE310L00K
150
12.5 x 25
0.08
0.707
0.12
762
4.70
MALREKE00FG315L00K
220
16 x 25
0.08
0.482
0.070
1250
6.60
MALREKE00JG322L00K
330
16 x 31.5
0.08
0.322
0.050
1404
9.00
MALREKE00JS333L00K
470
18 x 40
0.08
0.226
0.030
1980
15.0
MALREKE00KK347L00K
160
33
10 x 20
0.15
6.029
1.30
565
3.00
MALREKE00DE233M00K
150
16 x 31.5
0.15
1.326
0.22
1300
9.00
MALREKE00JS315M00K
220
16 x 31.5
0.15
0.904
0.22
1300
9.00
MALREKE00JS322M00K
330
18 x 31.5
0.15
0.603
0.22
1700
11.0
MALREKE00KS333M00K
200
22
10 x 20
0.15
9.043
1.50
440
3.00
MALREKE00DE222S00K
33
12.5 x 20
0.15
6.029
0.91
590
4.50
MALREKE00FE233S00K
47
12.5 x 20
0.15
4.233
0.91
780
4.50
MALREKE00FE247S00K
100
16 x 25
0.15
1.989
0.27
1280
6.60
MALREKE00JG310S00K
150
18 x 25
0.15
1.326
0.27
1500
9.00
MALREKE00KG315S00K
220
18 x 31.5
0.15
0.904
0.22
1700
11.0
MALREKE00KS322S00K
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
tan
δ
120 Hz
RESR
120 Hz/
20 °C
(
Ω)
Z
100 kHz/
20 °C
(
Ω)
IR
100 kHz/
105 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
(LONG LEADS)


Similar Part No. - MALREKE00JE233X00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKE00JG468B00K VISHAY-MALREKE00JG468B00K Datasheet
115Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKE00JS510B00K VISHAY-MALREKE00JS510B00K Datasheet
115Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKE00JE233X00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com