Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN951 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN951
Description  Low voltage fast-switching PNP power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN951 Datasheet(HTML) 3 Page - STMicroelectronics

  STN951 Datasheet HTML 1Page - STMicroelectronics STN951 Datasheet HTML 2Page - STMicroelectronics STN951 Datasheet HTML 3Page - STMicroelectronics STN951 Datasheet HTML 4Page - STMicroelectronics STN951 Datasheet HTML 5Page - STMicroelectronics STN951 Datasheet HTML 6Page - STMicroelectronics STN951 Datasheet HTML 7Page - STMicroelectronics STN951 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STN951
Electrical ratings
3/8
1
Electrical ratings
Table 3.
Thermal data
Table 2.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage (IE = 0)
-60
V
VCEO
Collector-emitter voltage (IB = 0)
-60
V
VEBO
Emitter-base voltage (IC = 0)
-6
V
IC
Collector current
-5
A
ICM
Collector peak current (tP < 5 ms)
-10
A
IB
Base current
-1
A
IBM
Base peak current (tP < 5 ms)
-2
A
Ptot
Total dissipation at Tamb = 25 °C
1.6
W
Tstg
Storage temperature
-65 to 150
°C
Tj
Max. operating junction temperature
150
°C
Symbol
Parameter
Value
Unit
Rthj-amb
(1)
1.
Device mounted on PCB area of 1cm2
Thermal resistance junction-amb
__max
78
°C/W


Similar Part No. - STN951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN951 STMICROELECTRONICS-STN951 Datasheet
121Kb / 8P
   Low voltage fast-switching PNP power transistor
More results

Similar Description - STN951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN951 STMICROELECTRONICS-STN951 Datasheet
121Kb / 8P
   Low voltage fast-switching PNP power transistor
2STR2215 STMICROELECTRONICS-2STR2215 Datasheet
199Kb / 11P
   Low voltage fast-switching PNP power transistor
2STX2360 STMICROELECTRONICS-2STX2360 Datasheet
158Kb / 9P
   Low voltage fast-switching PNP power transistor
March 2010
STD2805 STMICROELECTRONICS-STD2805 Datasheet
149Kb / 9P
   Low voltage fast-switching PNP power transistor
logo
Continental Device Indi...
2CF2325 CDIL-2CF2325 Datasheet
69Kb / 3P
   PNP LOW VOLTAGE FAST SWITCHING POWER TRANSISTOR
logo
STMicroelectronics
2STR2160 STMICROELECTRONICS-2STR2160 Datasheet
123Kb / 9P
   Low voltage fast-switching PNP power transistor
2STR2215 STMICROELECTRONICS-2STR2215_08 Datasheet
139Kb / 10P
   Low voltage fast-switching PNP power transistor
2STF2340 STMICROELECTRONICS-2STF2340 Datasheet
196Kb / 11P
   Low voltage fast-switching PNP power transistor
2STR2230 STMICROELECTRONICS-2STR2230 Datasheet
185Kb / 9P
   Low voltage fast-switching PNP power transistor
2STN2540 STMICROELECTRONICS-2STN2540 Datasheet
162Kb / 9P
   Low voltage fast-switching PNP power bipolar transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com