Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL150N3LLH5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STL150N3LLH5
Description  N-channel 30 V, 0.0014 廓, 35 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL150N3LLH5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STL150N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 9Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 10Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 11Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Test circuits
STL150N3LLH5
8/12
3
Test circuits
Figure 13. Switching times test circuit for
resistive load
Figure 14. Gate charge test circuit
Figure 15. Test circuit for inductive load
switching and diode recovery times
Figure 16. Unclamped inductive load test
circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform


Similar Part No. - STL150N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5 Datasheet
502Kb / 12P
   N-channel 30 V - 0.0014 廓 - 35 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_09 Datasheet
528Kb / 12P
   N-channel 30 V, 0.0014 廓, 35 A, PowerFLAT??(6x5) STripFET??V Power MOSFET
More results

Similar Description - STL150N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_09 Datasheet
528Kb / 12P
   N-channel 30 V, 0.0014 廓, 35 A, PowerFLAT??(6x5) STripFET??V Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5 Datasheet
502Kb / 12P
   N-channel 30 V - 0.0014 廓 - 35 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL65N3LLH5 STMICROELECTRONICS-STL65N3LLH5 Datasheet
496Kb / 12P
   N-channel 30 V, 0.0048 廓, 19 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
   N-channel 30 V - 0.0032 廓 - 25 A - PowerFLAT??(6x5) STripFET??III Power MOSFET
STL70N4LLF5 STMICROELECTRONICS-STL70N4LLF5 Datasheet
270Kb / 10P
   N-channel 40 V, 0.0055 廓, 18 A, PowerFLAT??(6x5) STripFET??V Power MOSFET
STL150N3LLH6 STMICROELECTRONICS-STL150N3LLH6 Datasheet
835Kb / 12P
   N-channel 30 V, 0.0016 廓, 33 A PowerFLAT??(6x5) STripFET??VI DeepGATE??Power MOSFET
STL60NH3LL STMICROELECTRONICS-STL60NH3LL_07 Datasheet
359Kb / 13P
   N-channel 30 V - 0.0065 廓 - 30 A - PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL55NH3LL STMICROELECTRONICS-STL55NH3LL Datasheet
369Kb / 14P
   N-channel 30 V, 0.0079 廓, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL75NH3LL STMICROELECTRONICS-STL75NH3LL Datasheet
348Kb / 12P
   N-channel 30 V, 0.004 廓, 20 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STK38N3LLH5 STMICROELECTRONICS-STK38N3LLH5 Datasheet
323Kb / 13P
   N-channel 30 V, 0.0014廓, 38 A, PolarPAK짰 STripFET?줧 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com