Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMR250CL Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZMR250CL
Description  Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMR250CL Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZMR250CL Datasheet HTML 1Page - Zetex Semiconductors ZMR250CL Datasheet HTML 2Page - Zetex Semiconductors ZMR250CL Datasheet HTML 3Page - Zetex Semiconductors ZMR250CL Datasheet HTML 4Page - Zetex Semiconductors ZMR250CL Datasheet HTML 5Page - Zetex Semiconductors ZMR250CL Datasheet HTML 6Page - Zetex Semiconductors ZMR250CL Datasheet HTML 7Page - Zetex Semiconductors ZMR250CL Datasheet HTML 8Page - Zetex Semiconductors ZMR250CL Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZMR series
Issue 9 - January 2008
3
www.zetex.com
© Zetex Semiconductors plc 2008
ZMR25H and ZMR250
Electrical characteristics test conditions (unless otherwise stated):Tj=25°C,
IO = 10mA, VIN = 6.5V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output voltage
2.438
2.5
2.563
V
IO=0 to 50mA
Tj=-55 to 125°C
2.360
2.640
V
VIN=4.5 to 22.5V
2.360
2.640
V
IO=0 to 50mA
Tj=-55 to 125°C
VO
Line regulation
VIN=4.5 to 22.5V
5
15
mV
VO
Load regulation
IO=0 to 50mA
20
30
mV
IO=0 to 10mA
12
mV
lS
Supply current
Tj=-55 to 125°C
30
40
µA
lS
Supply current change
IO=0 to 50mA
1
±10
µA
VIN=4.5 to 22.5V
2
10
µA
VN
Output noise voltage
f=10Hz to 10kHz
65
µV rms
VIN / VO Ripple rejection
VIN=6.3 to 18V
f=120Hz
55
75
dB
VIN
Input voltage required to
maintain regulation
3.9
V
VO / T Average temperature
coefficient of VO
IO=5.0mA
Tj=-55 to 125°C
0.275
0.700
mV/°C


Similar Part No. - ZMR250CL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR250CL ZETEX-ZMR250CL Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
More results

Similar Description - ZMR250CL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
   FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Zetex Semiconductors
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
ZMR330 ZETEX-ZMR330 Datasheet
138Kb / 8P
   3.3 VOLT MINIATURE VOLTAGE REGULATOR
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com