Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMT32 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZMT32
Description  Magnetic Field Angle Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMT32 Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZMT32 Datasheet HTML 2Page - Zetex Semiconductors ZMT32 Datasheet HTML 3Page - Zetex Semiconductors ZMT32 Datasheet HTML 4Page - Zetex Semiconductors ZMT32 Datasheet HTML 5Page - Zetex Semiconductors ZMT32 Datasheet HTML 6Page - Zetex Semiconductors ZMT32 Datasheet HTML 7Page - Zetex Semiconductors ZMT32 Datasheet HTML 8Page - Zetex Semiconductors ZMT32 Datasheet HTML 9Page - Zetex Semiconductors ZMT32 Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ZMT32
Issue 1 - June 2008
7
www.zetex.com
© Zetex Semiconductors plc 2008
Typical characteristics
0
5
10
15
20
25
30
35
-50
-25
0
25
50
75
100
125
150
175
MAX
MIN
0
1000
2000
3000
4000
5000
6000
-50
-25
0
25
50
75
100
125
150
175
MAX
MIN
Output voltage versus temperature
Temperature (oC)
V
CC1=VCC2=+5V
T
A=23
oC
k=100
V
CC1=VCC2=+5V
T
A=23
oC
k=100
Temperature (oC)
Bridge resistance versus temperature


Similar Part No. - ZMT32

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMT32 DIODES-ZMT32 Datasheet
395Kb / 10P
   Magnetic Field Angle Sensor
ZMT32TA DIODES-ZMT32TA Datasheet
395Kb / 10P
   Magnetic Field Angle Sensor
More results

Similar Description - ZMT32

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMT32 DIODES-ZMT32 Datasheet
395Kb / 10P
   Magnetic Field Angle Sensor
logo
List of Unclassifed Man...
KMT31 ETC2-KMT31 Datasheet
139Kb / 2P
   Magnetic Field Sensors Angle Sensor
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com