Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKE00FE222N00K Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MALREKE00FE222N00K
Description  Aluminum Capacitors Radial Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKE00FE222N00K Datasheet(HTML) 7 Page - Vishay Siliconix

  MALREKE00FE222N00K Datasheet HTML 1Page - Vishay Siliconix MALREKE00FE222N00K Datasheet HTML 2Page - Vishay Siliconix MALREKE00FE222N00K Datasheet HTML 3Page - Vishay Siliconix MALREKE00FE222N00K Datasheet HTML 4Page - Vishay Siliconix MALREKE00FE222N00K Datasheet HTML 5Page - Vishay Siliconix MALREKE00FE222N00K Datasheet HTML 6Page - Vishay Siliconix MALREKE00FE222N00K Datasheet HTML 7Page - Vishay Siliconix MALREKE00FE222N00K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25008
316
Revision: 15-Jul-08
EKE
Vishay Roederstein
Aluminum Capacitors
Radial Style
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
IR MULTIPLIER FOR UR > 100 V
CR = 0.47 to 220 µF
CR ≥ 330 µF
50
0.44
0.69
120
0.56
0.77
300
0.69
0.87
1000
0.78
0.87
10 000
0.89
0.88
100 000
1.00
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
Load life
Tamb = 105 °C
UR and IR applied
After specified hours
Δ C/C: ± 25 % of initial value
IL ≤ spec. limit
tan
δ ≤ 2 x spec. limit
Shelf life
Tamb = 105 °C
No voltage applied
After 1000 hours
After test: UR to be applied for 30 minutes
24 to 48 hours before measurement
Δ C/C: ± 25 % of initial value
IL ≤ spec. limit
tan
δ ≤ 2 x spec. limit


Similar Part No. - MALREKE00FE222N00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKE00FE433B00K VISHAY-MALREKE00FE433B00K Datasheet
115Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKE00FE222N00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com