Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL100NH3LL Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL100NH3LL
Description  N-channel 30 V - 0.0032 廓 - 25 A - PowerFLAT??(6x5) STripFET??III Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100NH3LL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL100NH3LL_08 Datasheet HTML 4Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 5Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 6Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 7Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 8Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 9Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 10Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 11Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STL100NH3LL
Revision history
11/12
5
Revision history
Table 9.
Document revision history
Date
Revision
Changes
18-Apr-2005
1
First Release
20-Jun-2005
2
Updated mechanical data
22-Jun-2005
3
New Rg value on Table 7
10-Oct-2005
4
Inserted ecopack indication
09-Jan-2006
5
New footprint
08-Mar-2006
6
New template
29-Jun-2006
7
Modified curves, see Figure 2 and Figure 3
04-Sep-2006
8
The document has been reformatted, no content change
04-Jan-2007
9
New updated on Table 2
10-Dec-2007
10
Updated data on Table 4: Avalanche data
20-Mar-2008
11
New VGS max. value inserted on Table 4: Avalanche data


Similar Part No. - STL100NH3LL_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_07 Datasheet
394Kb / 12P
   N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
More results

Similar Description - STL100NH3LL_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_08 Datasheet
513Kb / 12P
   N-channel 30 V, 0.0014 廓, 35 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL65N3LLH5 STMICROELECTRONICS-STL65N3LLH5 Datasheet
496Kb / 12P
   N-channel 30 V, 0.0048 廓, 19 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_09 Datasheet
528Kb / 12P
   N-channel 30 V, 0.0014 廓, 35 A, PowerFLAT??(6x5) STripFET??V Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5 Datasheet
502Kb / 12P
   N-channel 30 V - 0.0014 廓 - 35 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL100NHS3LL STMICROELECTRONICS-STL100NHS3LL Datasheet
235Kb / 9P
   N-channel 30V - 0.0032廓 - 22A - PowerFLAT??(6x5) STripFET??Power MOSFET plus monolithic Schottky
STL150N3LLH6 STMICROELECTRONICS-STL150N3LLH6 Datasheet
835Kb / 12P
   N-channel 30 V, 0.0016 廓, 33 A PowerFLAT??(6x5) STripFET??VI DeepGATE??Power MOSFET
STL70N4LLF5 STMICROELECTRONICS-STL70N4LLF5 Datasheet
270Kb / 10P
   N-channel 40 V, 0.0055 廓, 18 A, PowerFLAT??(6x5) STripFET??V Power MOSFET
STL60NH3LL STMICROELECTRONICS-STL60NH3LL_07 Datasheet
359Kb / 13P
   N-channel 30 V - 0.0065 廓 - 30 A - PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STS25NH3LL STMICROELECTRONICS-STS25NH3LL_07 Datasheet
311Kb / 11P
   N-channel 30 V - 0.0032 廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
STL55NH3LL STMICROELECTRONICS-STL55NH3LL Datasheet
369Kb / 14P
   N-channel 30 V, 0.0079 廓, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com