Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKE00DE222S00K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALREKE00DE222S00K
Description  Aluminum Capacitors Radial Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKE00DE222S00K Datasheet(HTML) 3 Page - Vishay Siliconix

  MALREKE00DE222S00K Datasheet HTML 1Page - Vishay Siliconix MALREKE00DE222S00K Datasheet HTML 2Page - Vishay Siliconix MALREKE00DE222S00K Datasheet HTML 3Page - Vishay Siliconix MALREKE00DE222S00K Datasheet HTML 4Page - Vishay Siliconix MALREKE00DE222S00K Datasheet HTML 5Page - Vishay Siliconix MALREKE00DE222S00K Datasheet HTML 6Page - Vishay Siliconix MALREKE00DE222S00K Datasheet HTML 7Page - Vishay Siliconix MALREKE00DE222S00K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25008
312
Revision: 15-Jul-08
EKE
Vishay Roederstein
Aluminum Capacitors
Radial Style
GENERAL NOTE
For Standard Packaging Quantity (SPQ) and Minimum Order Quantity (MOQ) please refer to our price list or contact customer service
For other packaging forms please refer to Vishay Roederstein General Information
Note
Unless
otherwise
specified,
all
electrical
values
at
Ta = 20 °C, P = 80 to 120 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
EKE 470 µF/35 V, ± 20 %, size: 10 x 20 mm
Leads: Long
Ordering code: MALREKE00DE34700K
Leads: Short
Ordering code: MALREKE05...
For 5
≤ Ø D ≤ 8 mm
Leads: Bent open, shortened and formed
Ordering code: MALREKE09...
For 10
≤ Ø D ≤ 18 mm
Leads: Shortened and formed
Ordering code: MALREKE06 ...
DIMENSIONS in millimeters AND AVAILABLE FORMS
4.5 ± 0.5
2 ± 0.2
2 max.
1.1 ± 0.1
S ± 0.5
4.5 ± 0.5
1.10 ± 0.1
2 max.
S ± 0.5
Ø D
≤ 8 leads shortened and formed MALREKE09...
(S = 2.0/2.5/3.5 mm)
10
≤ Ø D ≤ 18 leads shortened and formed MALREKE06...
(S = 5/7.5 mm)
Casing Insulation
L
max.
15 min.
4 min.
Ø D
≤ 18 long leads MALREKE00...
L
max.
4.5 ± 0.5
S ± 0.5
Ø D
≤ 18 shortened leads MALREKE05...
(S = 2/2.5/3.5/5/7.5 mm)
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
rated voltage
CR
rated capacitance at 120 Hz
tan
δ
max. dissipation factor at 120 Hz
RESR
calculated equivalent series resistance at 120 Hz
IR
rated ripple current (rms)
Z
max. impedance


Similar Part No. - MALREKE00DE222S00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKE00DC410B00K VISHAY-MALREKE00DC410B00K Datasheet
115Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKE00DE222S00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com