Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKX00DC233L00K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MALREKX00DC233L00K
Description  Aluminum Capacitors Radial Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKX00DC233L00K Datasheet(HTML) 1 Page - Vishay Siliconix

  MALREKX00DC233L00K Datasheet HTML 1Page - Vishay Siliconix MALREKX00DC233L00K Datasheet HTML 2Page - Vishay Siliconix MALREKX00DC233L00K Datasheet HTML 3Page - Vishay Siliconix MALREKX00DC233L00K Datasheet HTML 4Page - Vishay Siliconix MALREKX00DC233L00K Datasheet HTML 5Page - Vishay Siliconix MALREKX00DC233L00K Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 25019
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Jun-08
317
Aluminum Capacitors
Radial Style
EKX
Vishay Roederstein
FEATURES
• Polarized aluminum electrolytic capacitor
• Small dimensions
• Ultra low impedance
• High ripple current
• Long lifetime
APPLICATIONS
• Industrial electronics, telecommunication systems,
data processing
• Professional switching power supply units
• DC/DC converters
• Smoothing, filtering
Note
10 % capacitance tolerance on request
Component outlines
RoHS
COMPLIANT
QUICK REFERENCE DATA
DESCRIPTION
UNIT
VALUE
Nominal case size (Ø D x L)
mm
5 x 11 to 18 x 40
Rated capacitance range CR
µF
0.47 to 15 000
Capacitance tolerance
%
± 20
Rated voltage range
V
6.3 to 100
Category temperature range
°C
- 40 to + 105
Load life
h
up to 5000
Based on sectional specification
IEC 60384-4/EN 130300
Climatic category IEC 68
40/105/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
RATED VOLTAGE (V)
6.3
10
1625
355063
100
0.47
→→
→→
5 x 11
-
-
1.0
→→
→→
5 x 11
-
-
2.2
→→
→→
5 x 11
5 x 11
3.3
→→
→→
5 x 11
5 x 11
5 x 11
4.7
→→
→→
5 x 11
5 x 11
5 x 11
5 x 11
10
→→
→→
5 x 11
5 x 11
5 x 11
6.3 x 11
22
→→
→→
5 x 11
5 x 11
6.3 x 11
8 x 11.5
33
→→
→→
5 x 11
6.3 x 11
6.3 x 11
10 x 12.5
47
→→
5 x 11
6.3 x 11
8 x 11.5
10 x 16
100
5 x 11
6.3 x 11
8 x 11.5
10 x16
12.5 x 20
150
→→
6.3 x 11
8 x 11.5
10 x 12.5
10 x 20
12.5 x 25
220
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
10 x 25
16 x 25
330
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
10 x 20
12.5 x 20
16 x 31.5
470
8 x 11.5
10 x 12.5
10 x 16
10 x 20
12.5 x 20
16 x 20
18 x 40
1000
10 x 12.5
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 35.5
-
1500
10 x 20
12.5 x 20
16 x 20
16 x 25
16 x 31.5
-
-
2200
12.5 x 20
12.5 x 25
16 x 25
16 x 31.5
18 x 35.5
-
-
3300
12.5 x 20
12.5 x 25
16 x 25
16 x 31.5
18 x 35.5
-
-
-
4700
16 x 25
16 x 31.5
18 x 35.5
-
-
-
-
10 000
16 x 31.5
18 x 35.5
-
-
-
-
-
-
15 000
18 x 35.5
-
-
-
-
-
-
-


Similar Part No. - MALREKX00DC233L00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00AA110J00K VISHAY-MALREKA00AA110J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA110L00K VISHAY-MALREKA00AA110L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115J00K VISHAY-MALREKA00AA115J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115L00K VISHAY-MALREKA00AA115L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA122J00K VISHAY-MALREKA00AA122J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKX00DC233L00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com