Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKL00JS247L00K Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MALREKL00JS247L00K
Description  Aluminum Capacitors Radial Style 125 °C
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKL00JS247L00K Datasheet(HTML) 5 Page - Vishay Siliconix

  MALREKL00JS247L00K Datasheet HTML 1Page - Vishay Siliconix MALREKL00JS247L00K Datasheet HTML 2Page - Vishay Siliconix MALREKL00JS247L00K Datasheet HTML 3Page - Vishay Siliconix MALREKL00JS247L00K Datasheet HTML 4Page - Vishay Siliconix MALREKL00JS247L00K Datasheet HTML 5Page - Vishay Siliconix MALREKL00JS247L00K Datasheet HTML 6Page - Vishay Siliconix MALREKL00JS247L00K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25010
330
Revision: 17-Jul-08
EKL
Vishay Roederstein
Aluminum Capacitors
Radial Style 125 °C
160
0.47
10 x 12.5
0.15
6.00
10
1.60
MALREKL00DC047M00K
1.0
10 x 12.5
0.15
5.00
15
1.60
MALREKL00DC110M00K
2.2
10 x 16
0.15
3.80
24
2.30
MALREKL00DD122M00K
3.3
10 x 16
0.15
3.50
32
2.30
MALREKL00DD133M00K
4.7
10 x 20
0.15
2.50
38
2.50
MALREKL00DE147M00K
10
12.5 x 20
0.15
2.00
66
3.80
MALREKL00FE210M00K
22
16 x 25
0.15
1.20
118
7.50
MALREKL00JG222M00K
33
16 x 31.5
0.15
1.00
158
9.00
MALREKL00JS233M00K
200
4.7
10 x 20
0.15
2.80
38
2.50
MALREKL00DE147S00K
10
12.5 x 20
0.15
2.50
72
3.80
MALREKL00FE210S00K
22
16 x 31.5
0.15
2.00
129
9.00
MALREKL00JS222S00K
250
0.47
10 x 12.5
0.15
8.00
10
1.60
MALREKL00DC047N00K
1.0
10 x 12.5
0.15
7.00
14
1.60
MALREKL00DC110N00K
2.2
10 x 16
0.15
5.50
24
2.30
MALREKL00DD122N00K
3.3
10 x 20
0.15
4.50
32
2.50
MALREKL00DE133N00K
4.7
12.5 x 20
0.15
4.10
45
3.80
MALREKL00FE147N00K
10
16 x 25
0.15
3.90
79
7.50
MALREKL00JG210N00K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
tan
δ
120 Hz
Z
100 kHz/
120 °C
(
Ω)
IR
100 kHz/
125 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(Long Leads)
LOW TEMPERATURE BEHAVIOR (AT 120 Hz)
IMPEDANCE RATIO
Z(T2)/Z(T1)
RATED VOLTAGE (V)
T2/T1
10
16 - 250
- 25/- 20 °C
3
2
- 40/+ 20 °C
5
4
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(Test conditions: UR, 20 °C)
After 2 minutes at UR
IL2 ≤ 0.01 x CR x UR
or 3 µA
for UR ≤ 50 V (whichever is greater)
After 5 minutes at UR
IL5 ≤ 0.03 x CR x UR
+ 10 µA
for UR ≥ 63 V
Resistance
Equivalent series resistance
(ESR)
Calculated from tan
δ
max.
ESR = tan
δ/2 π f C
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER FOR UR ≤ 50 V
CR ≤ 33 µF
CR = 47 to 100 µF
CR = 150 to 220 µF CR = 330 to 680 µF CR = 1000 to 1500 µF
CR ≥ 2200 µF
120
0.20
0.25
0.35
0.45
0.50
0.55
1000
0.50
0.60
0.70
0.75
0.80
0.85
10 000
0.80
0.90
0.92
0.95
0.96
0.98
100 000
1.00
1.00
1.00
1.00
1.00
1.00


Similar Part No. - MALREKL00JS247L00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00AA110J00K VISHAY-MALREKA00AA110J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA110L00K VISHAY-MALREKA00AA110L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115J00K VISHAY-MALREKA00AA115J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115L00K VISHAY-MALREKA00AA115L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA122J00K VISHAY-MALREKA00AA122J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKL00JS247L00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
510DX VISHAY-510DX Datasheet
90Kb / 5P
   Aluminum Capacitors 125 °C, Miniature, Radial Lead
Revision: 07-Jan-13
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com