Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK822 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STK822
Description  N-channel 25 V - 0.00175 廓 - 38 A - PolarPAK짰 STripFET??Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK822 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STK822 Datasheet HTML 2Page - STMicroelectronics STK822 Datasheet HTML 3Page - STMicroelectronics STK822 Datasheet HTML 4Page - STMicroelectronics STK822 Datasheet HTML 5Page - STMicroelectronics STK822 Datasheet HTML 6Page - STMicroelectronics STK822 Datasheet HTML 7Page - STMicroelectronics STK822 Datasheet HTML 8Page - STMicroelectronics STK822 Datasheet HTML 9Page - STMicroelectronics STK822 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STK822
6/15
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs. temperature
Figure 7.
Static drain-source on resistance
5
101520253035
ID(A)
1
2
3
4
RDS(on)
(m
Ω)
HV41090


Similar Part No. - STK822

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK820 STMICROELECTRONICS-STK820 Datasheet
305Kb / 14P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK820 STMICROELECTRONICS-STK820 Datasheet
468Kb / 15P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK820 STMICROELECTRONICS-STK820_08 Datasheet
468Kb / 15P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
logo
Sanyo Semicon Device
STK8250 SANYO-STK8250 Datasheet
68Kb / 2P
   50W MIN AF POWER AMP
logo
List of Unclassifed Man...
STK8250 ETC-STK8250 Datasheet
146Kb / 2P
   OUTPUT STAGE OF AF POWER AMP
More results

Similar Description - STK822

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK820 STMICROELECTRONICS-STK820 Datasheet
305Kb / 14P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK820 STMICROELECTRONICS-STK820_08 Datasheet
468Kb / 15P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK40N2LLH5 STMICROELECTRONICS-STK40N2LLH5 Datasheet
320Kb / 13P
   N-channel 25 V, 0.0014 廓, 40 A, PolarPAK짰 STripFET??V Power MOSFET
STK30N2LLH5 STMICROELECTRONICS-STK30N2LLH5 Datasheet
334Kb / 13P
   N-channel 25 V, 0.0024 廓, 30 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK38N3LLH5 STMICROELECTRONICS-STK38N3LLH5 Datasheet
323Kb / 13P
   N-channel 30 V, 0.0014廓, 38 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK32N4LLH5 STMICROELECTRONICS-STK32N4LLH5 Datasheet
321Kb / 13P
   N-channel 40 V, 0.0017 廓, 32 A, PolarPAK짰 STripFET??V Power MOSFET
STK24N4LLH5 STMICROELECTRONICS-STK24N4LLH5 Datasheet
335Kb / 13P
   N-channel 40 V, 0.0046 廓, 24 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK20N3LLH5 STMICROELECTRONICS-STK20N3LLH5 Datasheet
334Kb / 13P
   N-channel 30 V, 0.006 廓, 20 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK28N3LLH5 STMICROELECTRONICS-STK28N3LLH5 Datasheet
336Kb / 13P
   N-channel 30 V, 0.0035 廓, 28 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK800 STMICROELECTRONICS-STK800_07 Datasheet
501Kb / 16P
   N-channel 30V - 0.006廓 - 20A - PolarPAK짰 STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com