Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKS20KL347H00K Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MALREKS20KL347H00K
Description  Aluminum Capacitors Radial Style Non-Polar
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKS20KL347H00K Datasheet(HTML) 5 Page - Vishay Siliconix

  MALREKS20KL347H00K Datasheet HTML 1Page - Vishay Siliconix MALREKS20KL347H00K Datasheet HTML 2Page - Vishay Siliconix MALREKS20KL347H00K Datasheet HTML 3Page - Vishay Siliconix MALREKS20KL347H00K Datasheet HTML 4Page - Vishay Siliconix MALREKS20KL347H00K Datasheet HTML 5Page - Vishay Siliconix MALREKS20KL347H00K Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EKSU
Vishay Roederstein
Aluminum Capacitors
Radial Style Non-Polar
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25011
336
Revision: 24-Jun-08
100
0.10
5 x 11
0.12
1592
4.2
0.45
MALREKS20AA010L00K
0.15
5 x 11
0.12
1061
5.1
0.45
MALREKS20AA015L00K
0.22
5 x 11
0.12
723.5
6.2
0.45
MALREKS20AA022L00K
0.33
5 x 11
0.12
482.3
7.5
0.45
MALREKS20AA033L00K
0.47
5 x 11
0.12
338.6
9.2
0.45
MALREKS20AA047L00K
0.68
5 x 11
0.12
234.1
11
0.45
MALREKS20AA068L00K
1.0
5 x 11
0.12
159.2
13
0.45
MALREKS20AA110L00K
1.5
5 x 11
0.12
106.1
16
0.45
MALREKS20AA115L00K
3.3
6.3 x 11
0.12
48.2
27
0.46
MALREKS20BA133L00K
6.8
10 x 12.5
0.12
23.4
54
1.90
MALREKS20DC168L00K
10
10 x 12.5
0.12
15.9
65
1.90
MALREKS20DC210L00K
15
10 x 16
0.12
10.6
88
2.20
MALREKS20DD215L00K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(Long Leads)
LOW TEMPERATURE BEHAVIOUR (at 120 Hz)
IMPEDANCE RATIO
Z (T2)/Z (T1)
RATED VOLTAGE (V)
T2/T1
6.3
10
16
25 ~ 100
- 25 °C/+ 20 °C
4322
- 40 °C/+ 20 °C
8643
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(Test conditions: UR, 20 °C)
After 5 minutes at UR
IL5 ≤ 0.03 x CR x UR
or 3 µA
(whichever is greater)
Resistance
Equivalent series resistance (ESR)
Calculated from tan
δ
max.
ESR = tan
δ/2 π f C
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER FOR UR ≤ 100 V
CR ≤ 47 µF
CR = 68 to 680 µF
CR ≥ 1000 µF
50
0.75
0.80
0.85
120
1.00
1.00
1.00
300
1.35
1.25
1.10
1000
1.55
1.34
1.13
≥ 10 000
2.00
1.50
1.15
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
Load life
Tamb = 105 °C
UR and IR applied
After 1000 hours
Polarity reverse each 250 hours
Δ C/C: ± 20 % of initial value
IL ≤ spec. limit
tan
δ ≤ 2 x spec. limit
Shelf life
No voltage applied
After 1000 hours
After test: UR to be applied for 30 minutes
24 to 48 hours before measurement
Δ C/C: ± 20 % of initial value
IL ≤ spec.limit
tan
δ ≤ 2 x spec. limit


Similar Part No. - MALREKS20KL347H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00AA110J00K VISHAY-MALREKA00AA110J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA110L00K VISHAY-MALREKA00AA110L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115J00K VISHAY-MALREKA00AA115J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115L00K VISHAY-MALREKA00AA115L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA122J00K VISHAY-MALREKA00AA122J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKS20KL347H00K

ManufacturerPart #DatasheetDescription
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
RFE international
SN010M1HBK040070 RFE-SN010M1HBK040070 Datasheet
87Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS SN Series: Radial Non-Polar, Miniature
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com