Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKX00KL422H00K Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MALREKX00KL422H00K
Description  Aluminum Capacitors Radial Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKX00KL422H00K Datasheet(HTML) 5 Page - Vishay Siliconix

  MALREKX00KL422H00K Datasheet HTML 1Page - Vishay Siliconix MALREKX00KL422H00K Datasheet HTML 2Page - Vishay Siliconix MALREKX00KL422H00K Datasheet HTML 3Page - Vishay Siliconix MALREKX00KL422H00K Datasheet HTML 4Page - Vishay Siliconix MALREKX00KL422H00K Datasheet HTML 5Page - Vishay Siliconix MALREKX00KL422H00K Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 25019
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Jun-08
321
EKX
Aluminum Capacitors
Radial Style
Vishay Roederstein
LOW TEMPERATURE BEHAVIOR (at 120 Hz)
IMPEDANCE RATIO
Z (T2)/Z (T1)
RATED VOLTAGE
(V)
T2/T1
6.3
10
16
25 ~ 100
- 25 °C/+ 20 °C
2
2
2
2
- 40 °C/+ 20 °C
3
3
3
3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(Test conditions: UR, 20 °C)
After 1 minute at UR
IL1 ≤ 0.03 x CR x UR
or 4 µA (whichever is greater)
After 2 minutes at UR
IL2 ≤ 0.01 x CR x UR
or 3 µA (whichever is greater)
Resistance
Equivalent series resistance (ESR)
Calculated from tan
δ
max.
ESR = tan
δ/2 π f C
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER FOR UR ≤ 100 V
~ 33 µF
47 ~ 220 µF
330 ~ 680 µF
1000 ~ 1500 µF
2200 ~ 15 000 µF
120
0.42
0.50
0.55
0.60
0.70
1000
0.70
0.73
0.77
0.80
0.85
10 000
0.90
0.92
0.94
0.96
0.98
≥ 100 000
1.00
1.00
1.00
1.00
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
Load life
Tamb = 105 °C
UR and IR applied
After 2000 hours Ø 5, Ø 6.3
After 3000 hours Ø 8 mm
After 4000 hours Ø 10 mm
After 5000 hours
> Ø 10 mm
Δ C/C: ± 25 % of initial value
IL ≤ spec. limit
tan
δ ≤ 2 x spec. limit
Shelf life
No voltage applied
After 1000 hours
After test: UR to be applied for 30 minutes
24 to 48 hours before measurement
Δ C/C: ± 25 % of initial value
IL ≤ spec.limit
tan
δ ≤ 2 x spec. limit


Similar Part No. - MALREKX00KL422H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00AA110J00K VISHAY-MALREKA00AA110J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA110L00K VISHAY-MALREKA00AA110L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115J00K VISHAY-MALREKA00AA115J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115L00K VISHAY-MALREKA00AA115L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA122J00K VISHAY-MALREKA00AA122J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKX00KL422H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com