Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKO00AA047L00 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # EKO00AA047L00
Description  Aluminum Capacitors Radial Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKO00AA047L00 Datasheet(HTML) 5 Page - Vishay Siliconix

  EKO00AA047L00 Datasheet HTML 1Page - Vishay Siliconix EKO00AA047L00 Datasheet HTML 2Page - Vishay Siliconix EKO00AA047L00 Datasheet HTML 3Page - Vishay Siliconix EKO00AA047L00 Datasheet HTML 4Page - Vishay Siliconix EKO00AA047L00 Datasheet HTML 5Page - Vishay Siliconix EKO00AA047L00 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions contact: aluminumcaps3@vishay.com
Document Number: 25006
232
Revision: 30-Aug-05
EKO
Vishay Roederstein
Aluminum Capacitors
Radial Style
LEAKAGE CURRENT
Formula for calculation of the maximum leakage current for acceptance tests IL:
[
Test conditions: UR, 20 °C, 2 minutes (UR 100 V) / 5 minutes UR > 100 V)]
IL2 [µA] 0.01 CR F] UR [V]
or
3 µAfor UR 100 V (whichever is greater)
IL5 [µA] 0.02 • CR [µF] UR [V]
+15 µAfor UR > 100 V
350
2.2
10 x 12.5
0.20
145.00
50
1.5
EKO00DC122O00
3.3
10 x 12.5
0.20
97.00
61
1.5
EKO00DC133O00
4.7
10 x 12.5
0.20
68.00
73
1.5
EKO00DC147O00
10
10 x 20
0.20
31.80
128
2.5
EKO00DE210O00
22
12.5 x 25
0.20
14.50
242
4.5
EKO00GG222O00
33
12.5 x 25
0.20
9.65
297
4.5
EKO00GG233O00
47
16 x 25
0.20
6.78
393
7.0
EKO00JG247O00
100
18 x 40
0.20
3.18
741
16.0
EKO00KK310O00
400
2.2
10 x 12.5
0.20
145.00
50
1.5
EKA00DC122X00
3.3
10 x 12.5
0.20
97.00
61
1.5
EKO00DC133X00
4.7
10 x 16
0.20
68.00
80
2.0
EKO00DD147X00
10
12.5 x 20
0.20
31.80
150
3.8
EKO00GE210X00
22
12.5 x 25
0.20
14.50
282
4.5
EKO00GG222X00
33
16 x 25
0.20
9.65
329
7.0
EKO00JG233X00
47
16 x 35.5
0.20
6.78
451
11.0
EKO00JL247X00
450
1.0
8 x 11.5
0.20
266.00
26
1.1
EKO00PB110P00
2.2
10 x 12.5
0.20
145.00
45
1.5
EKO00DC122P00
3.3
10 x 16
0.20
97.00
60
2.0
EKO00DD133P00
4.7
10 x 20
0.20
68.00
78
2.5
EKO00DE147P00
10
12.5 x 20
0.20
31.80
134
3.8
EKO00GE210P00
22
16 x 25
0.20
14.50
240
7.0
EKO00JG222P00
33
16 x 31.5
0.20
9.65
322
9.0
EKO00JS233P00
47
16 x 35.5
0.20
6.78
403
11.0
EKO00JL247P00
LOW TEMPERATURE BEHAVIOUR
IMPEDANCE RATIO Z(T2) / Z(T1) AT 120 Hz
T2/T1
RATED VOLTAGE (V)
10
16
25
35 - 100
160
250
350
400
450
- 25 / - 20
°C
32
22
48
8
16
16
- 25 / + 20
°C
86
43
8
12
12
-
-
PACKAGING UNITS / MIN. ORDER QUANTITY
SIZE CODES
BULK
AMMO
VOLTAGE CODES
LONG LEADS
CUT LEADS
AA
5 x 11
500/2000
500/2000
2000/2000
C = 10 V
BA
6.3 x 11
500/1500
500/1500
1500/1500
D = 16 V
PB
8 x 11.5
300/1200
300/1200
1000/1000
E = 25 V
DC
10 x 12.5
200/1000
800/800
500/1000
F = 35 V
DD
10 x 16
200/1000
700/1400
500/1000
H = 50 V
DE
10 x 20
200/1000
500/1000
500/1000
J = 63 V
GE
12.5 x 20
100/1000
300/1200
400/1200
L = 100 V
GG
12.5 x 25
100/1000
250/1000
400/1200
M = 160 V
JG
16 x 25
50/500
150/600
250/500
N = 250 V
JS
16 x 31.5
50/500
150/600
250/500
O = 350 V
JL
16 x 35.5
50/500
100/500
250/500
X = 400 V
KL
18 x 35.5
50/400
100/400
200/400
P = 450 V
KK
18 x 40
50/400
80/400
-
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(
μF)
NOMINAL
CASE SIZE
∅Dx L
(mm)
Tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/85 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER


Similar Description - EKO00AA047L00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com