Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKE00AA222H00K Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MALREKE00AA222H00K
Description  Aluminum Capacitors Radial Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKE00AA222H00K Datasheet(HTML) 6 Page - Vishay Siliconix

  MALREKE00AA222H00K Datasheet HTML 1Page - Vishay Siliconix MALREKE00AA222H00K Datasheet HTML 2Page - Vishay Siliconix MALREKE00AA222H00K Datasheet HTML 3Page - Vishay Siliconix MALREKE00AA222H00K Datasheet HTML 4Page - Vishay Siliconix MALREKE00AA222H00K Datasheet HTML 5Page - Vishay Siliconix MALREKE00AA222H00K Datasheet HTML 6Page - Vishay Siliconix MALREKE00AA222H00K Datasheet HTML 7Page - Vishay Siliconix MALREKE00AA222H00K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 25008
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-Jul-08
315
EKE
Aluminum Capacitors
Radial Style
Vishay Roederstein
250
10
10 x 20
0.15
19.89
3.50
300
3.00
MALREKE00DE210N00K
22
12.5 x 20
0.15
9.043
2.30
480
4.50
MALREKE00FE222N00K
33
12.5 x 25
0.15
6.029
1.70
630
4.70
MALREKE00FG233N00K
47
12.5 x 25
0.15
4.233
1.70
630
4.70
MALREKE00FG247N00K
100
16 x 31.5
0.15
1.989
0.63
1400
9.00
MALREKE00JS310N00K
150
18 x 31.5
0.15
1.326
0.42
1450
11.0
MALREKE00KS315N00K
220
18 x 40
0.15
0.904
0.35
1485
15.0
MALREKE00KK322N00K
400
10
10 x 20
0.20
26.53
2.90
180
3.00
MALREKE00DE210X00K
22
12.5 x 25
0.20
12.06
1.30
300
4.70
MALREKE00FG222X00K
33
16 x 20
0.20
8.038
0.91
600
5.80
MALREKE00JE233X00K
47
16 x 25
0.20
5.644
0.73
700
6.60
MALREKE00JG247X00K
100
18 x 40
0.20
2.653
0.34
1250
15.0
MALREKE00KK310X00K
450
3.3
10 x 20
0.20
80.38
6.50
150
3.00
MALREKE00DE133P00K
4.7
12.5 x 20
0.20
56.44
3.60
200
4.50
MALREKE00FE147P00K
10
12.5 x 25
0.20
26.53
2.50
315
4.70
MALREKE00FG210P00K
22
16 x 25
0.20
12.06
1.70
570
6.60
MALREKE00JG222P00K
33
16 x 31.5
0.20
8.038
1.10
620
9.00
MALREKE00JS233P00K
47
18 x 31.5
0.20
5.644
0.93
900
11.0
MALREKE00KS247P00K
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
tan
δ
120 Hz
RESR
120 Hz/
20 °C
(
Ω)
Z
100 kHz/
20 °C
(
Ω)
IR
100 kHz/
105 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
(LONG LEADS)
LOW TEMPERATURE BEHAVIOR (at 120 Hz)
IMPEDANCE RATIO
Z (T2)/Z (T1)
RATED VOLTAGE
(V)
T2/T1
6.3
10
16
25
~ 100
160
~ 250
350
~ 450
- 25/+ 20 °C
4
3
2
2
3
8
- 40/+ 20 °C
8
6
4
3
4
-
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(Test conditions: UR, 20 °C)
After 1 minute at UR
IL1 ≤ 0.03 x CR x UR
or 4 µA
for UR ≤ 100 V (whichever is greater)
After 2 minutes at UR
IL2 ≤ 0.01 x CR x UR
or 3 µA
for UR ≤ 100 V (whichever is greater)
After 5 minutes at UR
IL5 ≤ 0.02 x CR x UR
or 15 µA
for UR > 100 V (whichever is greater)
Resistance
Equivalent series resistance
(ESR)
Calculated from tan
δ
max.
and CR
ESR = tan
δ/2 π f C
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
IR MULTIPLIER FOR UR ≤ 100 V
CR ≤ 47 µF
CR = 68 to 680 µF
CR ≥ 1000 µF
50
0.34
0.47
0.65
120
0.45
0.59
0.77
300
0.61
0.74
0.85
1000
0.70
0.79
0.88
10 000
0.91
0.88
0.88
100 000
1.00
1.00
1.00


Similar Part No. - MALREKE00AA222H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKE00AA310C00K VISHAY-MALREKE00AA310C00K Datasheet
115Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKE00AA222H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com