Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKE00AA047H00K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MALREKE00AA047H00K
Description  Aluminum Capacitors Radial Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKE00AA047H00K Datasheet(HTML) 4 Page - Vishay Siliconix

  MALREKE00AA047H00K Datasheet HTML 1Page - Vishay Siliconix MALREKE00AA047H00K Datasheet HTML 2Page - Vishay Siliconix MALREKE00AA047H00K Datasheet HTML 3Page - Vishay Siliconix MALREKE00AA047H00K Datasheet HTML 4Page - Vishay Siliconix MALREKE00AA047H00K Datasheet HTML 5Page - Vishay Siliconix MALREKE00AA047H00K Datasheet HTML 6Page - Vishay Siliconix MALREKE00AA047H00K Datasheet HTML 7Page - Vishay Siliconix MALREKE00AA047H00K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 25008
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-Jul-08
313
EKE
Aluminum Capacitors
Radial Style
Vishay Roederstein
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
tan
δ
120 Hz
RESR
120 Hz/
20 °C
(
Ω)
Z
100 kHz/
20 °C
(
Ω)
IR
100 kHz/
105 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
(LONG LEADS)
6.3
330
6.3 x 11
0.22
0.884
0.30
280
0.43
MALREKE00BA333B00K
1000
10 x 12.5
0.22
0.292
0.10
660
1.90
MALREKE00DC410B00K
3300
12.5 x 20
0.28
0.113
0.050
1400
4.50
MALREKE00FE433B00K
6800
16 x 25
0.34
0.066
0.030
2100
6.60
MALREKE00JG468B00K
10 000
16 x 31.5
0.40
0.053
0.025
2600
9.00
MALREKE00JS510B00K
15 000
18 x 35.5
0.50
0.044
0.022
3000
11.5
MALREKE00KL515B00K
10
100
5 x 11
0.19
2.520
0.65
180
0.42
MALREKE00AA310C00K
220
6.3 x 11
0.19
1.145
0.30
280
0.43
MALREKE00BA322C00K
470
8 x 11.5
0.19
0.536
0.14
450
1.05
MALREKE00PB347C00K
1000
10 x 16
0.19
0.252
0.080
850
2.40
MALREKE00DD410C00K
1500
10 x 20
0.21
0.186
0.054
1100
3.00
MALREKE00DE415C00K
2200
12.5 x 20
0.23
0.139
0.050
1400
4.50
MALREKE00FE422C00K
3300
12.5 x 25
0.25
0.100
0.038
1700
4.70
MALREKE00FG433C00K
4700
16 x 25
0.27
0.076
0.030
2100
6.60
MALREKE00JG447C00K
6800
16 x 31.5
0.31
0.060
0.025
2600
9.00
MALREKE00JS468C00K
10 000
18 x 35.5
0.37
0.049
0.022
3000
11.5
MALREKE00KL510C00K
16
150
6.3 x 11
0.16
1.415
0.30
280
0.43
MALREKE00BA315D00K
330
8 x 11.5
0.16
0.643
0.14
450
1.05
MALREKE00PB333D00K
470
10 x 12.5
0.16
0.452
0.10
660
1.90
MALREKE00DC347D00K
1000
10 x 20
0.16
0.212
0.054
1100
3.00
MALREKE00DE410D00K
1500
12.5 x 20
0.18
0.159
0.050
1400
4.50
MALREKE00FE415D00K
2200
12.5 x 25
0.20
0.121
0.038
1700
4.70
MALREKE00FG422D00K
3300
16 x 25
0.22
0.088
0.030
2100
6.60
MALREKE00JG433D00K
4700
16 x 31.5
0.24
0.068
0.025
2600
9.00
MALREKE00JS447D00K
6800
18 x 35.5
0.28
0.055
0.022
3000
11.5
MALREKE00KL468D00K
25
47
5 x 11
0.14
3.951
0.65
180
0.42
MALREKE00AA247E00K
100
6.3 x 11
0.14
1.857
0.30
280
0.43
MALREKE00BA310E00K
220
8 x 11.5
0.14
0.844
0.14
450
1.05
MALREKE00PB322E00K
330
10 x 12.5
0.14
0.563
0.10
660
1.90
MALREKE00DC333E00K
470
10 x 16
0.14
0.395
0.080
850
2.40
MALREKE00DD347E00K
1000
12.5 x 20
0.14
0.186
0.050
1400
4.50
MALREKE00FE410E00K
1500
16 x 20
0.16
0.141
0.030
2100
5.80
MALREKE00JE415E00K
2200
16 x 25
0.18
0.109
0.030
2100
6.60
MALREKE00JG422E00K
3300
16 x 31.5
0.20
0.080
0.025
2600
9.00
MALREKE00JS433E00K
4700
18 x 35.5
0.22
0.062
0.022
3000
11.5
MALREKE00KL447E00K
35
4.7
5 x 11
0.12
33.86
0.70
180
0.42
MALREKE00AA147F00K
10
5 x 11
0.12
15.92
0.70
180
0.42
MALREKE00AA210F00K
22
5 x 11
0.12
7.235
0.70
180
0.42
MALREKE00AA222F00K
33
5 x 11
0.12
4.823
0.65
180
0.42
MALREKE00AA233F00K
47
6.3 x 11
0.12
3.386
0.30
280
0.43
MALREKE00BA247F00K
100
8 x 11.5
0.12
1.592
0.14
450
1.05
MALREKE00PB310F00K
150
8 x 11.5
0.12
1.061
0.14
450
1.05
MALREKE00PB315F00K
220
10 x 12.5
0.12
0.723
0.10
660
1.90
MALREKE00DC322F00K
330
10 x 16
0.12
0.482
0.080
850
2.40
MALREKE00DD333F00K
470
10 x 20
0.12
0.339
0.054
1100
3.00
MALREKE00DE347F00K
1000
12.5 x 25
0.12
0.159
0.038
1700
4.70
MALREKE00FG410F00K
1500
16 x 25
0.14
0.124
0.030
2100
6.60
MALREKE00JG415F00K
2200
16 x 31.5
0.16
0.096
0.025
2600
9.00
MALREKE00JS422F00K
3300
18 x 35.5
0.18
0.072
0.022
3000
11.5
MALREKE00KL433F00K


Similar Part No. - MALREKE00AA047H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKE00AA310C00K VISHAY-MALREKE00AA310C00K Datasheet
115Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKE00AA047H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com