Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03028-BPXXXYJZ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 03028-BPXXXYJZ
Description  Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

03028-BPXXXYJZ Datasheet(HTML) 4 Page - Vishay Siliconix

  03028-BPXXXYJZ Datasheet HTML 1Page - Vishay Siliconix 03028-BPXXXYJZ Datasheet HTML 2Page - Vishay Siliconix 03028-BPXXXYJZ Datasheet HTML 3Page - Vishay Siliconix 03028-BPXXXYJZ Datasheet HTML 4Page - Vishay Siliconix 03028-BPXXXYJZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DSCC 03028
Surface Mount Multilayer Ceramic Chip Capacitors
DSCC Qualified Type 03028
Vishay Vitramon
Document Number: 45043
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 09-Jul-08
145
Note:
See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
Notes:
(1) Vishay Vitramon uses embossed plastic carrier tape and punch paper carrier tape
(2) REFERENCE: EIA Standard RS 481 - “Taping of Surface Mount Components for Automatic Placement”
CAP. CODE
CAP.
101
100 pF
••••
121
120 pF
••••
151
150 pF
••••
181
180 pF
••••
221
220 pF
••••
271
270 pF
••••
331
330 pF
••••••••••
391
390 pF
•••
••••••
471
470 pF
•••
••••••
561
560 pF
•••
••••••
681
680 pF
•••
••••••
821
820 pF
••
••••••
102
1000 pF
••
••••••
122
1200 pF
••••••
152
1500 pF
••••••
182
1800 pF
••••••
222
2200 pF
••••••
272
2700 pF
••••••
332
3300 pF
••••••
392
3900 pF
••••••
472
4700 pF
••••••
562
5600 pF
••••••
682
6800 pF
••••••
822
8200 pF
••••••
103
0.010 µF
••••••
123
0.012 µF
••••••
153
0.015 µF
••••••
183
0.018 µF
••••••
223
0.022 µF
••••••
273
0.027 µF
•••
••
333
0.033 µF
•••
••
393
0.039 µF
•••
••
473
0.047 µF
•••
••
563
0.056 µF
••
••
683
0.068 µF
••
••
823
0.082 µF
••
••
104
0.10 µF
••
••
124
0.12 µF
154
0.15 µF
184
0.18 µF
224
0.22 µF
DIELECTRIC
STYLE
03028
EIA TYPE
0603
DIELECTRIC
BP
BR
BX
VOLTAGE (Vdc)
16
25
50
100
16
25
50
100
16
25
50
100
DSCC PACKAGING QUANTITIES (1) (2)
7" REEL QUANTITIES
11 1/4" AND 13" REEL QUANTITIES
BULK QUANTITIES
BODY
SIZE
TAPE
SIZE
PAPER TAPE
PACKAGING
CODE “C”
PAPER TAPE
PACKAGING
CODE “J”
PAPER TAPE
PACKAGING CODE “P”
VIAL
PACKAGING
CODE “B”
WAFFLE
PACKAGING
CODE “W”
0603
8 mm
4000
1000
10 000
100
N/a


Similar Part No. - 03028-BPXXXYJZ

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0302820000 WEIDMULLER-0302820000 Datasheet
1Mb / 52P
   SAK-series
0302830000 WEIDMULLER-0302830000 Datasheet
1Mb / 52P
   SAK-series
0302860000 WEIDMULLER-0302860000 Datasheet
1Mb / 52P
   SAK-series
0302870000 WEIDMULLER-0302870000 Datasheet
1Mb / 52P
   SAK-series
0302880000 WEIDMULLER-0302880000 Datasheet
1Mb / 52P
   SAK-series
More results

Similar Description - 03028-BPXXXYJZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC03028 VISHAY-DSCC03028_17 Datasheet
93Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 11-Jan-17
DSCC03028 VISHAY-DSCC03028_V01 Datasheet
91Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
01-Jan-2023
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
DSCC05006 VISHAY-DSCC05006 Datasheet
205Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 20-Feb-08
DSCC03029 VISHAY-DSCC03029_V01 Datasheet
87Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
01-Jan-2023
DSCC05006 VISHAY-DSCC05006_12 Datasheet
82Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 28-Feb-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com