Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKV00FE210P00K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALREKV00FE210P00K
Description  Aluminum Capacitors Radial Style
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKV00FE210P00K Datasheet(HTML) 3 Page - Vishay Siliconix

  MALREKV00FE210P00K Datasheet HTML 1Page - Vishay Siliconix MALREKV00FE210P00K Datasheet HTML 2Page - Vishay Siliconix MALREKV00FE210P00K Datasheet HTML 3Page - Vishay Siliconix MALREKV00FE210P00K Datasheet HTML 4Page - Vishay Siliconix MALREKV00FE210P00K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EKV
Vishay Roederstein
Aluminum Capacitors
Radial Style
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25145
324
Revision: 24-Jun-08
Note
Unless
otherwise
specified,
all
electrical
values
apply
at
Tamb = 20 °C, P = 80 to 120 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
EKV 22 µF/450 V, ± 20 %, size: 16 x 25 mm
Leads: Long
Ordering code: MALREKV00JG222P00K
Leads: Short
Ordering code: MALREKV05...
For 5
≤ Ø D ≤ 8 mm
Leads: Bent open, shortened and formed
Ordering code: MALREKV09...
For 10
≤ Ø D ≤ 18 mm
Leads: Shortened and formed
Ordering code: MALREKV06 ...
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
rated voltage
CR
rated capacitance at 120 Hz
tan
δ
max. dissipation factor at 120 Hz
RESR
max. equivalent series resistance at 120 Hz
IR
rated alternating current (rms) at 120 Hz and upper
category temperature
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
100 kHz/105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(Long Leads)
200
10
10 x 16
0.15
19.9
250
2.3
MALREKV00DD210S00K
22
10 x 20
0.15
9.04
500
2.8
MALREKV00DE222S00K
47
12.5 x 20
0.15
4.23
660
3.8
MALREKV00FE247S00K
68
12.5 x 25
0.15
2.93
760
5.1
MALREKV00FG268S00K
100
16 x 25
0.15
1.99
1120
7.1
MALREKV00JG310S00K
150
18 x 25
0.15
1.33
1360
9.5
MALREKV00KG315S00K
250
6.8
10 x 12.5
0.15
29.3
120
1.9
MALREKV00DC168N00K
33
12.5 x 20
0.15
6.03
600
3.8
MALREKV00FE233N00K
47
12.5 x 25
0.15
4.23
720
5.1
MALREKV00FG247N00K
68
16 x 25
0.15
2.93
920
7.1
MALREKV00JG268N00K
100
18 x 25
0.15
1.99
1200
9.5
MALREKV00KG310N00K
350
3.3
10 x 12.5
0.20
80.4
100
1.9
MALREKV00DC133O00K
22
12.5 x 20
0.20
12.1
350
3.8
MALREKV00FE222O00K
33
16 x 20
0.20
8.04
500
6.3
MALREKV00JE233O00K
47
16 x 25
0.20
5.64
660
7.1
MALREKV00JG247O00K
68
18 x 25
0.20
3.90
840
9.5
MALREKV00KG268O00K
400
1.0
10 x 12.5
0.24
318
90
1.9
MALREKV00DC110X00K
2.2
10 x 12.5
0.24
145
100
1.9
MALREKV00DC122X00K
4.7
10 x 16
0.24
67.7
180
2.3
MALREKV00DD147X00K
6.8
10 x 16
0.24
46.8
200
2.3
MALREKV00DD168X00K
10
10 x 20
0.20
26.5
280
2.8
MALREKV00DE210X00K
22
12.5 x 25
0.20
12.1
430
5.1
MALREKV00FG222X00K
33
16 x 25
0.20
8.04
640
7.1
MALREKV00JG233X00K
47
18 x 25
0.20
5.64
840
9.5
MALREKV00KG247X00K
450
2.2
10 x 16
0.24
145
120
2.3
MALREKV00DD122P00K
3.3
10 x 16
0.24
96.5
140
2.3
MALREKV00DD133P00K
4.7
10 x 20
0.24
67.7
180
2.8
MALREKV00DE147P00K
6.8
10 x 20
0.24
46.8
200
2.8
MALREKV00DE168P00K
10
12.5 x 20
0.20
26.5
320
3.8
MALREKV00FE210P00K
22
16 x 25
0.20
12.1
560
7.1
MALREKV00JG222P00K
33
18 x 25
0.20
8.04
700
9.5
MALREKV00KG233P00K
47
18 x 31.5
0.20
5.64
880
12.0
MALREKV00KS247P00K


Similar Part No. - MALREKV00FE210P00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKV00FE233N00K VISHAY-MALREKV00FE233N00K Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKV00FE247S00K VISHAY-MALREKV00FE247S00K Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKV00FE210P00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com