Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKA00BA322E00K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALREKA00BA322E00K
Description  Aluminum Capacitors Radial Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKA00BA322E00K Datasheet(HTML) 3 Page - Vishay Siliconix

  MALREKA00BA322E00K Datasheet HTML 1Page - Vishay Siliconix MALREKA00BA322E00K Datasheet HTML 2Page - Vishay Siliconix MALREKA00BA322E00K Datasheet HTML 3Page - Vishay Siliconix MALREKA00BA322E00K Datasheet HTML 4Page - Vishay Siliconix MALREKA00BA322E00K Datasheet HTML 5Page - Vishay Siliconix MALREKA00BA322E00K Datasheet HTML 6Page - Vishay Siliconix MALREKA00BA322E00K Datasheet HTML 7Page - Vishay Siliconix MALREKA00BA322E00K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 25014
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Jun-08
293
EKA
Aluminum Capacitors
Radial Style
Vishay Roederstein
GENERAL NOTE
• For Standard Packaging Quantity (SPQ) and Minimum Order Quantity (MOQ) please refer to our price list or contact customer service
• For other packaging forms please refer to Vishay Roederstein General Information
Note
Unless otherwise specified, all electrical values apply at
Ta = 20 °C, P = 80 to 120 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
EKA 3300 µF/16 V, ± 20 %, size: 12.5 x 20 mm
Leads: Long
Ordering code: MALREKA00FE433D00K
Leads: Short
Ordering code: MALREKA05...
For 5
≤ Ø D ≤ 8 mm
Leads: Bent open, shortened and formed
Ordering code: MALREKA09...
For 10
≤ Ø D ≤ 18 mm
Leads: Shortened and formed
Ordering code: MALREKA06 ...
DIMENSIONS in millimeters AND AVAILABLE FORMS
4.5 ± 0.5
2 ± 0.2
2 max.
1.1 ± 0.1
S ± 0.5
4.5 ± 0.5
1.10 ± 0.1
2 max.
S ± 0.5
Ø D
≤ 8 leads shortened and formed MALREKA09...
(S = 2.0/2.5/3.5 mm)
10
≤ Ø D ≤ 18 leads shortened and formed MALREKA06...
(S = 5/7.5 mm)
Casing Insulation
L
max.
15 min.
4 min.
Ø D
≤ 18 long leads MALREKA00...
L
max.
4.5 ± 0.5
S ± 0.5
Ø D
≤ 18 shortened leads MALREKA05...
(S = 2/2.5/3.5/5/7.5 mm)
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
rated voltage
rated voltage
CR
rated capacitance at 120 Hz
tan
δ
max. dissipation factor at 120 Hz
RESR
calculated equivalent series resistance at 120 Hz
IR
rated ripple current (rms) at 120 Hz and upper
category temperature


Similar Part No. - MALREKA00BA322E00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00BA347C00K VISHAY-MALREKA00BA347C00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKA00BA322E00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com