Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16CTU04-1TRRPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 16CTU04-1TRRPBF
Description  Ultrafast Rectifier, 2 x 8 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16CTU04-1TRRPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  16CTU04-1TRRPBF Datasheet HTML 1Page - Vishay Siliconix 16CTU04-1TRRPBF Datasheet HTML 2Page - Vishay Siliconix 16CTU04-1TRRPBF Datasheet HTML 3Page - Vishay Siliconix 16CTU04-1TRRPBF Datasheet HTML 4Page - Vishay Siliconix 16CTU04-1TRRPBF Datasheet HTML 5Page - Vishay Siliconix 16CTU04-1TRRPBF Datasheet HTML 6Page - Vishay Siliconix 16CTU04-1TRRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94009
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Jul-08
1
Ultrafast Rectifier,
2 x 8 A FRED PtTM
16CTU04SPbF/16CTU04-1PbF
Vishay High Power Products
FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for Q101 level
DESCRIPTION/APPLICATIONS
FRED PtTM series are the state of the art ultrafast recovery
rectifiers specifically designed with optimized performance
of forward voltage drop and ultrafast recovery time.
The planar structure and the platinum doped life time
control,
guarantee
the
best
overall
performance,
ruggedness and reliability characteristics.
These devices are intended for use in the output rectification
stage of SMPS, UPS, dc-to-dc converters as well as
freewheeling diode in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr
60 ns
IF(AV)
2 x 8 A
VR
400 V
16CTU04SPbF
D2PAK
16CTU04-1PbF
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Common
Cathode
Anode
Anode
1
3
2
Base
Common
Cathode
2
Common
Cathode
Anode
Available
RoHS*
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
400
V
Average rectified forward current
per leg
IF(AV)
8
A
total device
Rated VR, TC = 155 °C
16
Non-repetitive peak surge current
IFSM
TC = 25 °C
100
Peak repetitive forward current
IFRM
Rated VR, square wave, 20 kHz, TC = 155 °C
16
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS PER LEG (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 µA
400
-
-
V
Forward voltage
VF
IF = 8 A
-
1.19
1.3
IF = 8 A, TJ = 150 °C
-
0.94
1.0
Reverse leakage current
IR
VR = VR rated
-
0.2
10
µA
TJ = 150 °C, VR = VR rated
-
20
500
Junction capacitance
CT
VR = 400 V
-
14
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 16CTU04-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04-1TRRPBF IRF-16CTU04-1TRRPBF Datasheet
290Kb / 9P
   Ultrafast Rectifier
logo
Vishay Siliconix
16CTU04-1TRRPBF VISHAY-16CTU04-1TRRPBF Datasheet
177Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 16CTU04-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 08-Sep-08
MUR1620CTPBF VISHAY-MUR1620CTPBF Datasheet
112Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
MURB1620CT VISHAY-MURB1620CT Datasheet
122Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 28-Jul-08
16CTU04 VISHAY-16CTU04 Datasheet
116Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 28-Jul-08
MURB1620CTPBF VISHAY-MURB1620CTPBF Datasheet
121Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 05-Sep-08
MUR1620CT VISHAY-MUR1620CT Datasheet
109Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 28-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
MURB2020CTPBF VISHAY-MURB2020CTPBF Datasheet
121Kb / 7P
   Ultrafast Rectifier, 2 x 10 A FRED PtTM
Revision: 05-Sep-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com