Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKC00DG412C00F Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MALREKC00DG412C00F
Description  Aluminum Capacitors Radial Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKC00DG412C00F Datasheet(HTML) 5 Page - Vishay Siliconix

  MALREKC00DG412C00F Datasheet HTML 1Page - Vishay Siliconix MALREKC00DG412C00F Datasheet HTML 2Page - Vishay Siliconix MALREKC00DG412C00F Datasheet HTML 3Page - Vishay Siliconix MALREKC00DG412C00F Datasheet HTML 4Page - Vishay Siliconix MALREKC00DG412C00F Datasheet HTML 5Page - Vishay Siliconix MALREKC00DG412C00F Datasheet HTML 6Page - Vishay Siliconix MALREKC00DG412C00F Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 25009
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 05-Nov-08
5
EKC
Aluminum Capacitors
Radial Style
Vishay Roederstein
120
10 x 16
0.10
0.13
755
2.40
MALREKC00DD312H00F
180
10 x 20
0.10
0.088
945
3.00
MALREKC00DE318H00F
220
10 x 25
0.10
0.073
1150
4.00
MALREKC00DG322H00F
330
12.5 x 20
0.10
0.054
1260
4.00
MALREKC00FE333H00F
470
12.5 x 25
0.10
0.044
1490
4.70
MALREKC00FG347H00F
50
560
12.5 x 30
0.10
0.039
1720
5.40
MALREKC00FJ356H00F
680
12.5 x 35
0.10
0.033
1890
5.90
MALREKC00FU368H00F
820
12.5 x 40
0.10
0.029
2030
6.40
MALREKC00FK382H00F
1000
16 x 30
0.10
0.030
2150
8.80
MALREKC00JJ410H00F
1200
16 x 35
0.12
0.027
2320
10.0
MALREKC00JU412H00F
1500
16 x 40
0.12
0.024
2540
11.0
MALREKC00JK415H00F
63
10
5 x 11.5
0.10
1.90
103
0.50
MALREKC00AB210J00F
18
6.3 x 11.5
0.10
1.00
161
0.80
MALREKC00BB218J00F
33
6.3 x 15
0.10
0.61
233
1.20
MALREKC00BF233J00F
47
8 x 12
0.10
0.47
274
1.00
MALREKC00PT247J00F
56
10 x 12.5
0.10
0.27
418
1.90
MALREKC00DC256J00F
68
8 x 15
0.10
0.34
360
1.50
MALREKC00PF268J00F
82
8 x 20
0.10
0.21
525
2.00
MALREKC00PE282J00F
100
10 x 20
0.10
0.16
650
3.00
MALREKC00DE310J00F
120
10 x 20
0.10
0.16
650
3.00
MALREKC00DE312J00F
150
10 x 25
0.10
0.13
783
4.00
MALREKC00DG315J00F
180
10 x 30
0.10
0.10
960
4.80
MALREKC00DJ318J00F
220
12.5 x 20
0.10
0.11
870
4.00
MALREKC00FE322J00F
270
12.5 x 25
0.10
0.074
1150
4.70
MALREKC00FG327J00F
330
16 x 20
0.10
0.085
1100
5.80
MALREKC00JE333J00F
390
12.5 x 30
0.10
0.068
1280
5.40
MALREKC00FJ339J00F
470
12.5 x 35
0.10
0.063
1390
5.90
MALREKC00FU347J00F
560
12.5 x 40
0.10
0.051
1530
6.40
MALREKC00FK356J00F
680
16 x 30
0.10
0.046
1720
8.80
MALREKC00JJ368J00F
820
16 x 35
0.10
0.040
1910
10.0
MALREKC00JU382J00F
1000
16 x 40
0.10
0.036
2070
11.0
MALREKC00JK410J00F
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
tan
δ
120 Hz
Z
100 kHz/20 °C
(
Ω)
IR
100 kHz/105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(LONG LEADS)
LOW TEMPERATURE BEHAVIOR (at 120Hz)
IMPEDANCE RATIO
Z (T2)/Z (T1)
RATED VOLTAGE
(V)
T2/T1
10 ~ 50
63
- 55 °C/+ 20 °C
3
6


Similar Part No. - MALREKC00DG412C00F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKC00DG412C00F VISHAY-MALREKC00DG412C00F Datasheet
113Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 10-Jul-12
More results

Similar Description - MALREKC00DG412C00F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com