Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKL00DC347C00K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALREKL00DC347C00K
Description  Aluminum Capacitors Radial Style 125 °C
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKL00DC347C00K Datasheet(HTML) 3 Page - Vishay Siliconix

  MALREKL00DC347C00K Datasheet HTML 1Page - Vishay Siliconix MALREKL00DC347C00K Datasheet HTML 2Page - Vishay Siliconix MALREKL00DC347C00K Datasheet HTML 3Page - Vishay Siliconix MALREKL00DC347C00K Datasheet HTML 4Page - Vishay Siliconix MALREKL00DC347C00K Datasheet HTML 5Page - Vishay Siliconix MALREKL00DC347C00K Datasheet HTML 6Page - Vishay Siliconix MALREKL00DC347C00K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25010
328
Revision: 17-Jul-08
EKL
Vishay Roederstein
Aluminum Capacitors
Radial Style 125 °C
Note
Unless otherwise specified, all electrical values at Ta = 20 °C,
P = 80 to 120 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
EKL 100 µF/50 V, ± 20 %, size: 10 x 16 mm
Leads: Long
Ordering code: MALREKL00DD310H00K
Leads: Short
Ordering code: MALREKL05...
For 5
≤ Ø D ≤ 8 mm
Leads: Bent open, shortened and formed
Ordering code: MALREKL09...
For 10
≤ Ø D ≤ 18 mm
Leads: Shortened and formed
Ordering code: MALREKL06 ...
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
rated voltage
CR
rated capacitance at 120 Hz
tan
δ
max. dissipation factor at 120 Hz
Z
max. impedance at 100 kHz
IR
rated alternating current (rms) at 100 kHz and
upper category temperature
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
tan
δ
120 Hz
Z
100 kHz/
120 °C
(
Ω)
IR
100 kHz/
125 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(Long Leads)
10
68
5 x 11
0.19
1.00
124
0.50
MALREKL00AA268C00K
150
6.3 x 11
0.19
0.45
212
0.70
MALREKL00BA315C00K
330
8 x 11.5
0.19
0.21
368
1.10
MALREKL00PB333C00K
470
10 x 12.5
0.19
0.17
480
1.60
MALREKL00DC347C00K
680
10 x 16
0.19
0.12
616
2.30
MALREKL00DD368C00K
1000
10 x 20
0.19
0.078
848
2.50
MALREKL00DE410C00K
1500
12.5 x 20
0.21
0.059
1134
3.80
MALREKL00FE415C00K
2200
12.5 x 25
0.23
0.044
1368
4.50
MALREKL00FG422C00K
3300
16 x 20
0.25
0.040
1480
5.80
MALREKL00JE433C00K
4700
16 x 31.5
0.27
0.030
1936
9.00
MALREKL00JS447C00K
6800
16 x 35.5
0.31
0.026
2144
11.0
MALREKL00JL468C00K
10000
18 x 40
0.37
0.022
2432
16.0
MALREKL00KK510C00K
16
47
5 x 11
0.16
1.00
124
0.50
MALREKL00AA247D00K
100
6.3 x 11
0.16
0.45
212
0.70
MALREKL00BA310D00K
220
8 x 11.5
0.16
0.21
368
1.10
MALREKL00PB322D00K
330
10 x 12.5
0.16
0.16
500
1.60
MALREKL00DC333D00K
470
10 x 16
0.16
0.12
616
2.30
MALREKL00DD347D00K
680
10 x 20
0.16
0.085
816
2.50
MALREKL00DE368D00K
1000
12.5 x 20
0.16
0.061
1129
3.80
MALREKL00FE410D00K
1500
12.5 x 25
0.18
0.047
1328
4.50
MALREKL00FG415D00K
2200
16 x 20
0.20
0.043
1440
5.80
MALREKL00JE422D00K
3300
16 x 25
0.22
0.035
1676
7.50
MALREKL00JG433D00K
4700
16 x 35.5
0.24
0.026
2144
11.0
MALREKL00JL447D00K
6800
18 x 35.5
0.28
0.023
2320
13.0
MALREKL00KL468D00K
25
33
5 x 11
0.14
1.00
124
0.50
MALREKL00AA233E00K
68
6.3 x 11
0.14
0.47
208
0.70
MALREKL00BA268E00K
150
8 x 11.5
0.14
0.21
368
1.10
MALREKL00PB315E00K
220
10 x 12.5
0.14
0.17
480
1.60
MALREKL00DC322E00K
330
10 x 16
0.14
0.12
600
2.30
MALREKL00DD333E00K
470
10 x 20
0.14
0.084
816
2.50
MALREKL00DE347E00K
680
12.5 x 20
0.14
0.060
1114
3.80
MALREKL00FE368E00K
1000
12.5 x 25
0.14
0.047
1328
4.50
MALREKL00FG410E00K
1500
16 x 20
0.16
0.044
1416
5.80
MALREKL00JE415E00K
2200
16 x 25
0.18
0.036
1641
7.50
MALREKL00JG422E00K
3300
16 x 35.5
0.20
0.026
2144
11.0
MALREKL00JL433E00K
4700
18 x 40
0.22
0.023
2368
16.0
MALREKL00KK447E00K


Similar Part No. - MALREKL00DC347C00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00AA110J00K VISHAY-MALREKA00AA110J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA110L00K VISHAY-MALREKA00AA110L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115J00K VISHAY-MALREKA00AA115J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115L00K VISHAY-MALREKA00AA115L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA122J00K VISHAY-MALREKA00AA122J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKL00DC347C00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
510DX VISHAY-510DX Datasheet
90Kb / 5P
   Aluminum Capacitors 125 °C, Miniature, Radial Lead
Revision: 07-Jan-13
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com