Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKA00JL515C00K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MALREKA00JL515C00K
Description  Aluminum Capacitors Radial Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKA00JL515C00K Datasheet(HTML) 4 Page - Vishay Siliconix

  MALREKA00JL515C00K Datasheet HTML 1Page - Vishay Siliconix MALREKA00JL515C00K Datasheet HTML 2Page - Vishay Siliconix MALREKA00JL515C00K Datasheet HTML 3Page - Vishay Siliconix MALREKA00JL515C00K Datasheet HTML 4Page - Vishay Siliconix MALREKA00JL515C00K Datasheet HTML 5Page - Vishay Siliconix MALREKA00JL515C00K Datasheet HTML 6Page - Vishay Siliconix MALREKA00JL515C00K Datasheet HTML 7Page - Vishay Siliconix MALREKA00JL515C00K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25014
294
Revision: 24-Jun-08
EKA
Vishay Roederstein
Aluminum Capacitors
Radial Style
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/85 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
(LONG LEADS)
6.3
1000
8 x 11.5
0.28
0.37
581
1.20
MALREKA00PB410B00K
3300
10 x 20
0.34
0.14
1286
2.80
MALREKA00DE433B00K
4700
12.5 x 20
0.36
0.10
1736
4.10
MALREKA00FE447B00K
6800
12.5 x 25
0.40
0.08
2129
5.60
MALREKA00FG468B00K
10 000
16 x 25
0.46
0.06
2629
7.50
MALREKA00JG510B00K
10
220
5 x 11
0.24
1.45
218
0.45
MALREKA00AA322C00K
470
6.3 x 11
0.24
0.68
366
0.48
MALREKA00BA347C00K
2200
10 x 16
0.28
0.17
1051
2.30
MALREKA00DD422C00K
15 000
16 x 35.5
0.52
0.05
3284
10.5
MALREKA00JL515C00K
22 000
18 x 40
0.70
0.04
3843
16.0
MALREKA00KK522C00K
16
150
5 x 11
0.20
1.77
198
0.45
MALREKA00AA315D00K
330
6.3 x 11
0.20
0.80
359
0.48
MALREKA00BA333D00K
470
8 x 11.5
0.20
0.56
476
1.20
MALREKA00PB347D00K
680
8 x 11.5
0.20
0.39
600
1.20
MALREKA00PB368D00K
1000
10 x 12.5
0.20
0.27
796
1.85
MALREKA00DC410D00K
2200
10 x 20
0.24
0.14
1331
2.80
MALREKA00DE422D00K
3300
12.5 x 20
0.26
0.10
1686
4.10
MALREKA00FE433D00K
4700
12.5 x 25
0.28
0.08
2129
5.60
MALREKA00FG447D00K
6800
16 x 25
0.32
0.06
2577
7.50
MALREKA00JG468D00K
10 000
16 x 31.5
0.38
0.05
3176
9.50
MALREKA00JS510D00K
15 000
18 x 35.5
0.48
0.04
3656
13.0
MALREKA00KL515D00K
25
68
5 x 11
0.16
3.12
144
0.45
MALREKA00AA268E00K
100
5 x 11
0.16
2.12
181
0.45
MALREKA00AA310E00K
150
6.3 x 11
0.16
1.42
246
0.48
MALREKA00BA315E00K
220
6.3 x 11
0.16
0.97
327
0.48
MALREKA00BA322E00K
330
8 x 11.5
0.16
0.64
431
1.20
MALREKA00PB333E00K
470
10 x 12.5
0.16
0.45
550
1.85
MALREKA00DC347E00K
680
10 x 16
0.16
0.31
754
2.30
MALREKA00DD368E00K
1000
10 x 16
0.16
0.21
942
2.30
MALREKA00DD410E00K
2200
12.5 x 20
0.20
0.12
1542
4.10
MALREKA00FE422E00K
3300
16 x 25
0.22
0.09
2194
7.50
MALREKA00JG433E00K
4700
16 x 25
0.24
0.07
2448
7.50
MALREKA00JG447E00K
6800
18 x 31.5
0.28
0.05
3114
12.0
MALREKA00KS468E00K
10 000
18 x 40
0.34
0.05
3544
16.0
MALREKA00KK510E00K
35
47
5 x 11
0.14
3.95
131
0.45
MALREKA00AA247F00K
100
6.3 x 11
0.14
1.86
220
0.48
MALREKA00BA310F00K
150
8 x 11.5
0.14
1.24
318
1.20
MALREKA00PB315F00K
220
8 x 11.5
0.14
0.84
386
1.20
MALREKA00PB322F00K
330
10 x 12.5
0.14
0.56
549
1.85
MALREKA00DC333F00K
470
10 x 16
0.14
0.40
740
2.30
MALREKA00DD347F00K
680
10 x 20
0.14
0.27
947
2.80
MALREKA00DE368F00K
1000
12.5 x 20
0.14
0.19
1306
4.10
MALREKA00FE410F00K
2200
16 x 25
0.18
0.11
2032
7.50
MALREKA00JG422F00K
3300
16 x 31.5
0.20
0.08
2502
9.50
MALREKA00JS433F00K
4700
16 x 35.5
0.22
0.06
2905
10.5
MALREKA00JL447F00K
6800
18 x 40
0.26
0.05
3408
16.0
MALREKA00KK468F00K
50
33
5 x 11
0.12
4.83
123
0.45
MALREKA00AA233H00K
68
6.3 x 11
0.12
2.34
203
0.48
MALREKA00BA268H00K
220
10 x 12.5
0.12
0.72
501
1.85
MALREKA00DC322H00K
330
10 x 16
0.12
0.48
672
2.30
MALREKA00DD333H00K


Similar Part No. - MALREKA00JL515C00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00JL515C00K VISHAY-MALREKA00JL515C00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKA00JL515C00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com