Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALSECB00BB122HARK Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALSECB00BB122HARK
Description  Aluminum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALSECB00BB122HARK Datasheet(HTML) 3 Page - Vishay Siliconix

  MALSECB00BB122HARK Datasheet HTML 1Page - Vishay Siliconix MALSECB00BB122HARK Datasheet HTML 2Page - Vishay Siliconix MALSECB00BB122HARK Datasheet HTML 3Page - Vishay Siliconix MALSECB00BB122HARK Datasheet HTML 4Page - Vishay Siliconix MALSECB00BB122HARK Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 25143
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 05-Jun-08
215
ECB
Aluminum Capacitors
Vishay Roederstein
REFLOW SOLDERING CONDITIONS FOR SMD ALUMINUM ELECTROLYTIC CAPACITORS
25
33
6.3 x 5.3
0.15
6.03
48
0.30
MALSECB00BD233EARK
100
6.3 x 7.7
0.15
1.99
91
0.37
MALSECB00BM310EARK
220
8 x 10
0.15
0.90
340
1.00
MALSECB00AF322EARK
330
10 x 10
0.15
0.60
360
1.21
MALSECB00AG333EARK
35
4.7
4 x 5.3
0.13
36.69
14
0.12
MALSECB00BB147FARK
10
5 x 5.3
0.13
17.24
24
0.17
MALSECB00BC210FARK
22
6.3 x 5.3
0.13
7.84
42
0.30
MALSECB00BD222FARK
33
6.3 x 5.8
0.13
5.22
52
0.30
MALSECB00AD233FARK
47
6.3 x 5.8
0.13
3.67
63
0.30
MALSECB00AD247FARK
100
8 x 10
0.13
1.72
296
1.00
MALSECB00AF310FARK
220
10 x 10
0.13
0.78
435
1.21
MALSECB00AG322FARK
50
0.10
4 x 5.3
0.11
1459
2.3
0.12
MALSECB00BB010HARK
0.22
4 x 5.3
0.11
663.2
3.4
0.12
MALSECB00BB022HARK
0.33
4 x 5.3
0.11
442.1
4.1
0.12
MALSECB00BB033HARK
0.47
4 x 5.3
0.11
310.4
4.9
0.12
MALSECB00BB047HARK
1.0
4 x 5.3
0.11
145.9
7.2
0.12
MALSECB00BB110HARK
2.2
4 x 5.3
0.11
66.32
10.7
0.12
MALSECB00BB122HARK
3.3
4 x 5.3
0.11
44.21
13.1
0.12
MALSECB00BB133HARK
4.7
5 x 5.3
0.11
31.04
18.1
0.17
MALSECB00BC147HARK
10
6.3 x 5.3
0.11
14.59
30.8
0.30
MALSECB00BD210HARK
22
6.3 x 5.8
0.11
6.63
45
0.30
MALSECB00AD222HARK
33
6.3 x 7.7
0.11
4.42
60
0.37
MALSECB00BM233HARK
47
6.3 x 7.7
0.11
3.10
63
0.37
MALSECB00BM247HARK
100
10 x 10
0.11
1.46
295
1.21
MALSECB00AG310HARK
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
DxL
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
Ramp-up
Ramp-down
T
s min.
T
s max.
t
s
Preheat
tP
tL
TP
Critical Zone
TL to TP
t 25 °C to Peak
Time
TL


Similar Part No. - MALSECB00BB122HARK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALSECA00AD133LARK VISHAY-MALSECA00AD133LARK Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECA00AD147LARK VISHAY-MALSECA00AD147LARK Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECA00AD210JARK VISHAY-MALSECA00AD210JARK Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECA00AE222JARK VISHAY-MALSECA00AE222JARK Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECA00AE247FARK VISHAY-MALSECA00AE247FARK Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
More results

Similar Description - MALSECB00BB122HARK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
515D476M050AA6AE3 VISHAY-515D476M050AA6AE3 Datasheet
102Kb / 9P
   Aluminum Capacitors
Revision: 12-Jun-13
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com