Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALSECB00BB033HARK Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MALSECB00BB033HARK
Description  Aluminum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALSECB00BB033HARK Datasheet(HTML) 4 Page - Vishay Siliconix

  MALSECB00BB033HARK Datasheet HTML 1Page - Vishay Siliconix MALSECB00BB033HARK Datasheet HTML 2Page - Vishay Siliconix MALSECB00BB033HARK Datasheet HTML 3Page - Vishay Siliconix MALSECB00BB033HARK Datasheet HTML 4Page - Vishay Siliconix MALSECB00BB033HARK Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25143
216
Revision: 05-Jun-08
ECB
Vishay Roederstein
Aluminum Capacitors
PROFILE FEATURE
SOLDERING CONDITION
Ø 4 ~ Ø 10
Ø 12.5
Ø 16
Average ramp-up rate (TL to TP)
3 °C/s max.
3 °C/s max.
Preheat
Temperature min. (Ts min.)
150 °C
150 °C
Temperature max. (Ts max.)
200 °C
200 °C
Time (Ts min. to Ts max.)
60 ~ 150 s
40 ~ 120 s
40 ~ 100 s
Ts max. to TL
Ramp-up rate
3 °C/s max.
3 °C/s max.
Time maintained above
Temperature (TL)
217 °C
217 °C
Time (tL)
60 ~ 90 s
40 ~ 60 s
Peak/classification temperature (TP)
250 °C
240 °C
230 °C
Time within 5 °C of actual peak temperature (TP)
10 s max.
10 s max.
Ramp-down rate
3 °C/s max.
3 °C/s max.
Time 25 °C to peak temperature
8 min max.
8 min max.
RESISTANCE TO SOLDERING HEAT
Leakage current
Less than specified value
Capacitance value
Within ± 10 % of initial value
Tan
δ
Less than specified value
LOW TEMPERATURE BEHAVIOR (at 120 Hz)
IMPEDANCE RATIO
(Z) T2/(Z) T1
RATED VOLTAGE (V)
T2/T1
16
25
35
50
- 25 °C/+ 20 °C
2
2
2
2
- 40 °C/+ 20 °C
4
3
3
3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(Test conditions: UR, 20 °C)
after 2 min at UR
IL2 ≤ 0.01 x CR x UR
or 3 µA
for UR ≤ 100 V (whichever is greater)
Resistance
Equivalent series
resistance (ESR)
calculated from tan
δ
max.
ESR = tan
δ/2πf C
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
IR MULTIPLIER FOR UR ≤ 100 V
50
0.70
120
1.00
300
1.17
1000
1.36
≥ 10 000
1.50
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE (QUICK REFERENCE)
REQUIREMENTS
Load life
Tamb = 105 °C
UR and IR applied
After 1000 h
ΔC/C: ± 25 % of initial value
IL ≤ spec. limit
tan
δ ≤ 2 x spec. limit
Shelf life
No voltage applied
After 1000 h
After test: UR to be applied for 30 min
24 to 48 h before measurement
ΔC/C: ± 25 % of initial value
IL ≤ spec. limit
tan
δ ≤ 2 x spec. limit


Similar Part No. - MALSECB00BB033HARK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALSECA00AD133LARK VISHAY-MALSECA00AD133LARK Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECA00AD147LARK VISHAY-MALSECA00AD147LARK Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECA00AD210JARK VISHAY-MALSECA00AD210JARK Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECA00AE222JARK VISHAY-MALSECA00AE222JARK Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECA00AE247FARK VISHAY-MALSECA00AE247FARK Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
More results

Similar Description - MALSECB00BB033HARK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
515D476M050AA6AE3 VISHAY-515D476M050AA6AE3 Datasheet
102Kb / 9P
   Aluminum Capacitors
Revision: 12-Jun-13
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com