Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB71DBE15SGXA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EB71DBE15SGXA
Description  Edgeboard Connectors, Dual Readout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB71DBE15SGXA Datasheet(HTML) 3 Page - Vishay Siliconix

  EB71DBE15SGXA Datasheet HTML 1Page - Vishay Siliconix EB71DBE15SGXA Datasheet HTML 2Page - Vishay Siliconix EB71DBE15SGXA Datasheet HTML 3Page - Vishay Siliconix EB71DBE15SGXA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
10
EB7D
Vishay Dale
Document Number 36003
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
Type “C” and “K”
Solder Dip
Type “A”
Pierced
TYPE
G
C
0.125
± 0.015 [3.18 ± 0.381]
K
0.200
± 0.015 [5.08 ± 0.381]
Type “E”
Card Extender
TERMINAL VARIATIONS in inches [millimeters]
0.086 x 0.008
[2.18 x 0.203]
To fit 3,
#22 AWG
Wires
0.220
± 0.015
[5.59
± 0.381]
To fit 0.051 [1.30]
Dia. Eyelet
0.140
± 0.015
[3.56
± 0.381]
G
See Table
0.100
[2.54]
15
°
Typ.
0.200
± 0.015
[5.08
± 0.381]
0.050
[1.27]
120
°
Typ.
Uses
Type “A”
Contact
0.086
[2.18]
MOUNTING VARIATIONS in inches [millimeters]
Type “V”
Clearance Hole
Type “VI”
Clearance Hole
No Mounting Pad
Type “XI”
Clearance Hole
No Mounting Pad
Type “W”
No Mounting Flange
Type “X”
Clearance Hole
Type “Z”
Floating Bushing Radial Float 0.047 [1.19]
0.220
[5.59]
Ref.
0.250
[6.35]
Ref.
0.128
[3.25]
Dia.
Type “Y”
Threaded Insert
0.218
[5.54]
Ref.
4-40
UNC-2B
0.250
[6.35]
Ref.
NOTE: Overall body length
increased by 0.060 [1.52].
0.250
[6.35]
Ref.
0.142 [3.61] Dia.
0.142
[3.61]
Dia.
0.250
[6.35]
Ref.
0.220
[5.59]
Ref.
0.010 [.254]
0.000 [.000]
0.250
[6.35]
Ref.
0.128 [3.25] Dia.
0.116
[2.95]
Dia.
0.250 [6.35]
Ref.
0.270 [6.86]
0.250
[6.35]
Dia.
Edgeboard Connectors, Dual Readout


Similar Part No. - EB71DBE15SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB71DBE15SGXA VISHAY-EB71DBE15SGXA Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
More results

Similar Description - EB71DBE15SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
01-Jan-2022
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com