Part Name
         Description
STD40N2LH5

 N-channel 25 V, 0.01 Ω, 40 A, DPAK, IPAK STripFET™ V Power MOSFET ( 12 Page)


STMICROELECTRONICS
100% 
Zoom Out Zoom In
 
 3 page
background image
STD40N2LH5 - STU40N2LH5
Electrical characteristics
3/12
2
Electrical characteristics
(TCASE = 25°C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
Voltage
ID = 250 µA, VGS= 0
25
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 25 V
VDS = 25 V, TC = 125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 22 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
1V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 20 A
SMD version
0.01
0.012
VGS= 10 V, ID= 20 A
0.0106 0.0126
VGS= 5 V, ID= 20 A
SMD version
0.0135
0.017
VGS= 5 V, ID= 20 A
0.0141 0.0176
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f=1 MHz,
VGS = 0
840
180
29
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=15 V, ID = 40 A
VGS = 5 V
8
TBD
TBD
nC
nC
nC
Qgs1
Qgs2
Pre Vth gate-to-source
charge
Post Vth gate-to-source
charge
VDD=15 V, ID = 40 A
VGS = 5 V
TBD
TBD
nC
nC
RG
Gate input resistance
f=1 MHz gate bias
Bias= 0 test signal
level=20 mV
open drain
1.1



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STD95N2LH5N-channel 25 V - 0.0038 Ω - 80 A - DPAK - IPAK STripFET™ V Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD95NH02L-1N-channel 24V - 0.0039Ω - 80A - DPAK - IPAK Ultra low gate charge STripFET™ Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD90N4F3N-channel 40V - 5.4mΩ - 80A - DPAK - TO-220 - IPAK STripFET™ Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD12NF06-1N-channel 60V - 0.08Ω - 12A - DPAK - IPAK STripFET™ II Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD12NF06L_07N-channel 60V - 0.08Ω - 12A - DPAK - IPAK STripFET™ II Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD70N02LN-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD10NM65NN-channel 650 V - 0.43 Ω - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh™ Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD70N03LN-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD90N02LN-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD8NM60NN-channel 600 V - 0.56 Ω - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh™ Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl