Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15MQ040N Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 15MQ040N
Description  Schottky Rectifier, 3 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15MQ040N Datasheet(HTML) 4 Page - Vishay Siliconix

  15MQ040N Datasheet HTML 1Page - Vishay Siliconix 15MQ040N Datasheet HTML 2Page - Vishay Siliconix 15MQ040N Datasheet HTML 3Page - Vishay Siliconix 15MQ040N Datasheet HTML 4Page - Vishay Siliconix 15MQ040N Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94141
4
Revision: 11-Jun-08
15MQ040NPbF
Vishay High Power Products
Schottky Rectifier, 3 A
ORDERING INFORMATION TABLE
1
-
Current rating
2
-
M = SMA
3
-
Q = Schottky “Q” series
4
-
Voltage rating (040 = 40 V)
5
-
N = New SMA
6
-
None = Box (1000 pieces)
TR = Tape and reel (7500 pieces)
7
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
67
15
M
Q
040
N
TR
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95018
Part marking information
http://www.vishay.com/doc?95029
Packaging information
http://www.vishay.com/doc?95034
SPICE model
http://www.vishay.com/doc?95273


Similar Part No. - 15MQ040N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15MQ040N IRF-15MQ040N Datasheet
269Kb / 6P
   SCHOTTKY RECTIFIER
15MQ040N IRF-15MQ040N Datasheet
131Kb / 6P
   SCHOTTKY RECTIFIER
logo
Shenzhen Taychipst Elec...
15MQ040N TAYCHIPST-15MQ040N Datasheet
1Mb / 2P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
15MQ040N SMC-15MQ040N Datasheet
171Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
15MQ040N SMCDIODE-15MQ040N Datasheet
263Kb / 4P
   15MQ040N SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - 15MQ040N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ100PBF VISHAY-30BQ100PBF Datasheet
93Kb / 6P
   Schottky Rectifier, 3 A
Revision: 16-Apr-08
MBR350 VISHAY-MBR350_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3 A
Revision: 13-Oct-11
15MQ040NPBF VISHAY-15MQ040NPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
MBR340 VISHAY-MBR340_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3 A
Revision: 19-Sep-11
VS-30BQ100PBF VISHAY-VS-30BQ100PBF_V01 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
02-Oct-12
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 23-May-14
30BQ100PBF VISHAY-30BQ100PBF_10 Datasheet
112Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30MQ040-M3 VISHAY-30MQ040-M3 Datasheet
117Kb / 6P
   Schottky Rectifier, 3 A
Revision: 10-Sep-10
VS-MBR350M3 VISHAY-VS-MBR350M3 Datasheet
113Kb / 6P
   Schottky Rectifier, 3 A
02-Oct-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com