Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD310N Datasheet(PDF) 3 Page - STMicroelectronics

Part # TD310N
Description  TRIPLE IGBT/MOS DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD310N Datasheet(HTML) 3 Page - STMicroelectronics

  TD310N Datasheet HTML 1Page - STMicroelectronics TD310N Datasheet HTML 2Page - STMicroelectronics TD310N Datasheet HTML 3Page - STMicroelectronics TD310N Datasheet HTML 4Page - STMicroelectronics TD310N Datasheet HTML 5Page - STMicroelectronics TD310N Datasheet HTML 6Page - STMicroelectronics TD310N Datasheet HTML 7Page - STMicroelectronics TD310N Datasheet HTML 8Page - STMicroelectronics TD310N Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS
VCC = 15V, Tamb =25
oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current with Inputs in High State
1.5
2
mA
LOGIC INPUT (all inputs)
VIH
High Input Voltage
2
V
VIL
Low Input Voltage
0.8
V
IIH
High Input Current
10
pA
IIL
Low Input Current
10
pA
tdH,teH
tdL,teL
Propagation Delay (10% input to 10% output)
Output Rise
Output Fall
Tmin.
≤ Tamb ≤ Tmax.
200
60
400
400
ns
tii
Input Inhibiting Time
100
ns
tdd
Differential Delay Time Between Channels
20
ns
OUTPUT DRIVERS
Vsod
Sourcing Drop Voltage (A/B/C outputs)
Isource = 200mA
3
V
Vsid
Sinking Drop Voltage (A/B/C outputs)
Isink = 200mA
5
V
Vdem
Demagnetising Drop Voltage (A/B/C outputs)
Idemag. = 100mA
2
V
Ropd
Output Pull Down Resistor
47
k
ALARM OUTPUT
Is
Low Level Sinking Current
VO = 0.8V
5
35
mA
Ish
High Level Sinking Current
1
µA
tA
Alarm Output : Delay Time to Alarm Fall if Sense Input Triggered
500
ns
SENSE INPUT
Vios
Input Offset Voltage
20
mV
tAi
Inhibition Time if Sense Input Triggered
1
ms
ts
Delay Time to Output Fall if Sense Input Triggered
All outputs inhibited
600
ns
tsi
Inhibition Time of Sense Input
300
ns
Vshys
Sense Hysteresis
40
mV
OPERATIONAL AMPLIFIER
Vicm
Common Mode Input Voltage Range
0 to VCC
+ -1.5
V
Vio
Input Offset Voltage
10
mV
GBP
Gain Bandwidth Product
1
MHz
Avd
Open Loop Gain
60
dB
SR
Slew Rate at Unity Gain
RL = 100k
Ω, CL = 100pF, Vi = 3 to 7V
0.6
V/
µs
STAND-BY
Vstdby
Standby Mode Threshold Voltage
0.3
1.1
V
Istdby
Standby Mode Supply Current
30
µA
UNDER VOLTAGE LOCKOUT
Iadj
Under Voltage Level Adjust Current
1
µA/V
Vst1
Internal Stop Threshold (without external adjustement)
10.7
13.3
V
Vhys
Threshold Hysteresis
0.8
V
TD310
3/9


Similar Part No. - TD310N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TD310N EUPEC-TD310N Datasheet
418Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
More results

Similar Description - TD310N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD300 STMICROELECTRONICS-TD300 Datasheet
135Kb / 8P
   15V TRIPLE IGBT/MOS DRIVER
TD310 STMICROELECTRONICS-TD310_01 Datasheet
132Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310IN STMICROELECTRONICS-TD310IN Datasheet
138Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310IDT STMICROELECTRONICS-TD310IDT Datasheet
138Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310 STMICROELECTRONICS-TD310_V01 Datasheet
136Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
December 2001
L6353 STMICROELECTRONICS-L6353 Datasheet
91Kb / 11P
   SMART DRIVER FOR POWER MOS & IGBT
logo
Shenzhen Huazhimei Semi...
HM2101B HMSEMI-HM2101B Datasheet
580Kb / 9P
   High power MOS tube, IGBT tube gate driver chip
logo
Renesas Technology Corp
RD5CYD08 RENESAS-RD5CYD08 Datasheet
100Kb / 8P
   IGBT Driver
RD3CYDT08 RENESAS-RD3CYDT08 Datasheet
97Kb / 7P
   IGBT Driver
RD5CYD08 RENESAS-RD5CYD08_15 Datasheet
158Kb / 8P
   IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com