Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

05006-BXXXXAC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 05006-BXXXXAC
Description  Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

05006-BXXXXAC Datasheet(HTML) 3 Page - Vishay Siliconix

  05006-BXXXXAC Datasheet HTML 1Page - Vishay Siliconix 05006-BXXXXAC Datasheet HTML 2Page - Vishay Siliconix 05006-BXXXXAC Datasheet HTML 3Page - Vishay Siliconix 05006-BXXXXAC Datasheet HTML 4Page - Vishay Siliconix 05006-BXXXXAC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45048
148
Revision: 20-Feb-08
DSCC 05006
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
DSCC Qualified Type 05006
DIELECTRIC 05006 MLCCS
STYLE
05006
EIA TYPE
0805
DIELECTRIC
BP
BR
BX
VOLTAGE (Vdc)
10
16
25
50
100
200
10
16
25
50
100
10
16
25
50
100
CAP. CODE
CAP.
0R5
0.5 pF
••••••
1R0
1.0 pF
••••••
1R2
1.2 pF
••••••
1R5
1.5 pF
••••••
1R8
1.8 pF
••••••
2R2
2.2 pF
••••••
2R7
2.7 pF
••••••
3R3
3.3 pF
••••••
3R9
3.9 pF
••••••
4R7
4.7 pF
••••••
5R6
5.6 pF
••••••
6R8
6.8 pF
••••••
8R2
8.2 pF
••••••
100
10 pF
••••••
120
12 pF
••••••
150
15 pF
••••••
180
18 pF
••••••
220
22 pF
••••••
270
27 pF
••••••
330
33 pF
••••••
390
39 pF
••••••
470
47 pF
••••••
560
56 pF
••••••
680
68 pF
••••••
820
82 pF
••••••
101
100 pF
••••••
121
120 pF
••••••
151
150 pF
••••••••••••••••
181
180 pF
••••••••••••••••
221
220 pF
••••••••••••••••
271
270 pF
••••••••••••••••
331
330 pF
••••••••••••••••
391
390 pF
••••••••••••••••
471
470 pF
••••••••••••••••
561
560 pF
••••••••••••••••
681
680 pF
••••••••••••••••
821
820 pF
••••••••••••••••
102
1000 pF
•••••
••••••••••
122
1200 pF
•••••
••••••••••
152
1500 pF
•••••
••••••••••
182
1800 pF
••••
••••••••••
222
2200 pF
••••
••••••••••
272
2700 pF
•••
••••••••••
332
3300 pF
••
••••••••••
392
3900 pF
••••••••••
472
4700 pF
••••••••••
562
5600 pF
••••••••••
682
6800 pF
••••••••••
822
8200 pF
••••••••••


Similar Part No. - 05006-BXXXXAC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0500618000 MOLEX6-0500618000 Datasheet
86Kb / 3P
   1.25mm (.049") Pitch Board-In Crimp Terminal, 28-32 AWG, Reel
0500618100 MOLEX6-0500618100 Datasheet
85Kb / 3P
   1.25mm (.049") Pitch Board-In Crimp Terminal, 28-32 AWG, Bag
logo
Microsemi Corporation
05006G0F MICROSEMI-05006G0F Datasheet
165Kb / 3P
   Silicon Controlled Rectifier
More results

Similar Description - 05006-BXXXXAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC05006 VISHAY-DSCC05006_12 Datasheet
82Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 28-Feb-12
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_V01 Datasheet
87Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
01-Jan-2023
DSCC03029 VISHAY-DSCC03029_17 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 11-Jan-17
DSCC03028 VISHAY-DSCC03028_17 Datasheet
93Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 11-Jan-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com