Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15ETX06FPPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 15ETX06FPPBF
Description  Hyperfast Rectifier, 15 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15ETX06FPPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  15ETX06FPPBF Datasheet HTML 1Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 2Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 3Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 4Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 5Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 6Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94006
2
Revision: 04-Apr-08
15ETX06PbF/15ETX06FPPbF
Vishay High Power Products
Hyperfast Rectifier,
15 A FRED PtTM
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1 A, dIF/dt = 100 A/µs, VR = 30 V
-
18
22
ns
IF = 15 A, dIF/dt = 100 A/µs, VR = 30 V
-
20
32
TJ = 25 °C
IF = 15 A
dIF/dt = 200 A/µs
VR = 390 V
-22
-
TJ = 125 °C
-
52
-
Peak recovery current
IRRM
TJ = 25 °C
-
2.4
-
A
TJ = 125 °C
-
5.1
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
25
-
µC
TJ = 125 °C
-
150
-
Reverse recovery time
trr
TJ = 125 °C
IF = 15 A
dIF/dt = 800 A/µs
VR = 390 V
-37
-
ns
Peak recovery current
IRRM
-16
-
A
Reverse recovery charge
Qrr
-
350
-
nC
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 65
-
175
°C
Thermal resistance,
junction to case
per leg
RthJC
-1.0
1.3
°C/W
(FULL-PAK) per leg
-
3.0
3.5
Thermal resistance,
junction to ambient per leg
RthJA
Typical socket mount
-
-
70
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth
and greased
-0.5
-
Weight
-2.0
-
g
-0.07
-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style TO-220AC
15ETX06
Case style TO-220 FULL-PAK
15ETX06FP


Similar Part No. - 15ETX06FPPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETX06FPPBF IRF-15ETX06FPPBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETX06FPPBF VISHAY-15ETX06FPPBF Datasheet
192Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
15ETX06FPPBF VISHAY-15ETX06FPPBF Datasheet
198Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
More results

Similar Description - 15ETX06FPPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETH03 VISHAY-15ETH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
15ETX06S VISHAY-15ETX06S Datasheet
126Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 08-Sep-08
30ETH06PBF VISHAY-30ETH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15ETH03SPBF VISHAY-15ETH03SPBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
15ETH06 VISHAY-15ETH06 Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 01-Jul-08
15ETH06S VISHAY-15ETH06S Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
15ETX06 VISHAY-15ETX06 Datasheet
118Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
15S2TH06FP VISHAY-15S2TH06FP Datasheet
127Kb / 5P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15STH06FP VISHAY-15STH06FP Datasheet
121Kb / 5P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15ETX06SPBF VISHAY-15ETX06SPBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com