Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD230N Datasheet(PDF) 9 Page - STMicroelectronics

Part # TD230N
Description  ELECTRONIC CIRCUIT BREAKER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD230N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TD230N Datasheet HTML 5Page - STMicroelectronics TD230N Datasheet HTML 6Page - STMicroelectronics TD230N Datasheet HTML 7Page - STMicroelectronics TD230N Datasheet HTML 8Page - STMicroelectronics TD230N Datasheet HTML 9Page - STMicroelectronics TD230N Datasheet HTML 10Page - STMicroelectronics TD230N Datasheet HTML 11Page - STMicroelectronics TD230N Datasheet HTML 12Page - STMicroelectronics TD230N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure 6 :
Step Up Converter Rise Time
Proper operation of this step-up converter is guar-
anteed at as low as 2.7V with a rise time (0 to 90%
of V(CBOOST)) in the range of 700
µs at 2.7V which
1
2
3
4
5
6
7
8
Vcc+
GND
LBOOS T
CTRIP1
CBOOS T
9
10
11
12
13
14
15
16
C ONTR OL
P Vcc
LBOOS T
CBO OS T
PM1
GND
PM2
OS C GND
NVcc
REF1
GC 1
S ENS P
INHIBIT
S HUTDOWN
S ENS N
GC 2
REF2
RS 1
NMos
to BOARD
CS S 1
Figure 7 :
Single Electronic Circuit Breaker
Application
is the worst case. At 5V, the rise time of V(Cboost)
is 250
µs typ. The CBOOST voltage wave form at
power ON under 5V supply voltage is shown on
figure 6.
Trace 1 represents the power supply voltage (0 to
5V).
Trace 2 represents the CBOOST Voltage at power
ON (0 to 5+13,4 = 18,4V).
Table (a) summerizes the recommended values of
the CBOOST and LBOOST to ensure optimized gate
charge and low ripple voltage with their corre-
sponding maximum current surge (IPK) and nomi-
nal consumption (ICC) of the TD230 for the most
common power supply values. For each power
supply value is also given the recommended value
of a bypass capacitor (CBY) on the power sup-
plies.
Note that both CBOOST and LBOOST are available in
surface mount packages.
Table (a) : Recommended values for Cboost and
Lboost
VCC
+
Cboost
Lboost
Ipk
Vrip
Icc
Cby
VnF
µHmA
mV
mA
µF
2.7
47
100
68
60
190
100
5>1
5
100
220
35
120
2.5
1
10
100
220
470
33
220
100
2.2
1
12
220
470
39
150
2.2
1
14
220
680
34
150
2.4
1
18
220
1000
31
200
2.7
1
2.4. Single Supply Breaker Application
The TD230 is perfectly suited to fit in single sup-
plied applications (ex 0-5V), and can drive only one
power MOSFET used as high side power switch.
Figure 7 shows how TD230 can be used as a
single circuit breaker with the same performances.
In this case, the external components consist in :
one boost inductor, one sense resistor, three ca-
pacitors, and one power MOSFET.
2.5. Typical Telecom Line Cards Protection
Application
One of the typical applications where the TD230
can display all its technical advantages is in an
exchange Telecom Cards protection. Sometimes
fifty cards or more are to be supplied with the same
power supply (+/-5V, 1kW), and a decentralized
protection is needed because one card may be
faulty, but should not penalize the others with un-
adapted protection system. The risk of complete
breakdown of the system must be eradicated.
In this application the two above described over
current causes (external line perturbation or inter-
nal component fault) are likely to happen. In the first
case, the current limitation on each card will ensure
undammagingon-board conditions, and in the sec-
ond case, the faulty card will be disjoncted from the
power supply until reset.
Figure 8 shows a typical telecom application with
decentralized protection.
In this application, the positive power supply serves
the logic control and analog signals whereas the
negative power supply is dedicated to the analog.
TD230
9/15


Similar Part No. - TD230N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD231 ETC-TD231 Datasheet
484Kb / 6P
   Technical Specifications for 5 kA, Normal-Duty Distribution 4.5 kV and 5 kV VariSTAR MOV Disks
More results

Similar Description - TD230N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
   Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
   Electronic Circuit Breaker
logo
PHOENIX CONTACT
102899 PHOENIX-102899 Datasheet
895Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
   Electronic circuit breaker EBU
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
   Electronic miniature circuit-breaker
09/2009
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
   Auto-Reset Electronic Circuit Breaker
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com