Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15ETL06STRR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 15ETL06STRR
Description  Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15ETL06STRR Datasheet(HTML) 3 Page - Vishay Siliconix

  15ETL06STRR Datasheet HTML 1Page - Vishay Siliconix 15ETL06STRR Datasheet HTML 2Page - Vishay Siliconix 15ETL06STRR Datasheet HTML 3Page - Vishay Siliconix 15ETL06STRR Datasheet HTML 4Page - Vishay Siliconix 15ETL06STRR Datasheet HTML 5Page - Vishay Siliconix 15ETL06STRR Datasheet HTML 6Page - Vishay Siliconix 15ETL06STRR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93927
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 08-Sep-08
3
15ETL06S/15ETL06-1
Ultralow VF Hyperfast Rectifier for
Discontinuous Mode PFC, 15 A FRED PtTM
Vishay High Power Products
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
100
10
1
0.4
0.6
0.8
1.0
1.2
1.6
VF - Forward Voltage Drop (V)
T
J = 175 °C
T
J = 150 °C
T
J = 25 °C
1.4
0
100
200
300
400
500
600
VR - Reverse Voltage (V)
0.001
0.01
0.1
1
10
100
T
J = 100 °C
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 50 °C
T
J = 75 °C
100
10
0
100
200
300
400
500
600
VR - Reverse Voltage (V)
T
J = 25 °C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal resistance)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
10


Similar Part No. - 15ETL06STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETL06STRRPBF VISHAY-15ETL06STRRPBF Datasheet
134Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 21-May-08
15ETL06STRRPBF VISHAY-15ETL06STRRPBF Datasheet
711Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 23-Jun-10
More results

Similar Description - 15ETL06STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETL06 VISHAY-15ETL06 Datasheet
116Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 20-Jun-08
15ETL06PBF VISHAY-15ETL06PBF Datasheet
115Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 04-Apr-08
15ETL06SPBF VISHAY-15ETL06SPBF Datasheet
134Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 21-May-08
8ETL06 VISHAY-8ETL06 Datasheet
121Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 23-Jun-08
8ETL06PBF VISHAY-8ETL06PBF Datasheet
123Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Apr-08
8ETL06S VISHAY-8ETL06S Datasheet
125Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Sep-08
8ETL06SPBF VISHAY-8ETL06SPBF Datasheet
128Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 21-May-08
VS-15ETL06S-M3 VISHAY-VS-15ETL06S-M3 Datasheet
217Kb / 8P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 24-Oct-17
VS-15ETL06-M3 VISHAY-VS-15ETL06-M3 Datasheet
146Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 23-Nov-17
VS-15ETL06HN3 VISHAY-VS-15ETL06HN3_V01 Datasheet
159Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt짰
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com