Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03028-BXXXXACM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 03028-BXXXXACM
Description  Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

03028-BXXXXACM Datasheet(HTML) 2 Page - Vishay Siliconix

  03028-BXXXXACM Datasheet HTML 1Page - Vishay Siliconix 03028-BXXXXACM Datasheet HTML 2Page - Vishay Siliconix 03028-BXXXXACM Datasheet HTML 3Page - Vishay Siliconix 03028-BXXXXACM Datasheet HTML 4Page - Vishay Siliconix 03028-BXXXXACM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSCC 03028
Surface Mount Multilayer Ceramic Chip Capacitors
DSCC Qualified Type 03028
Vishay Vitramon
Document Number: 45043
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 09-Jul-08
143
Note:
(1) DC voltage rating should not be exceeded in application
DIMENSIONS
PART ORDERING
NUMBER
LENGTH (L)
WIDTH (W)
MAXIMUM
THICKNESS
(T)
TERMINATION PAD (P)
MINIMUM
MAXIMUM
03028-
0.063 ± 0.005
[1.60 ± 0.12]
0.031 ± 0.005
[0.80 ± 0.12]
0.035
[0.89]
0.012
[0.30]
0.018
[0.46]
L
W
T
MAX.
P
ORDERING INFORMATION
03028-
BX
102
B
J
Z
-
T
DSCC
NUMBER
DIELECTRIC
CAPACITANCE
NOMINAL CODE
DC VOLTAGE
RATING (1)
CAPACITANCE
TOLERANCE
TERMINATION
GROUP C TESTING
OPTION
PACKAGING
CASE
SIZE
0603
BP
BR
BX
Expressed in
picofarads (pF).
The first two digits
are significant, the
third is a multiplier.
An “R” indicates a
decimal point.
Examples:
101 = 100 pF
1R8 = 1.8 pF
Y = 16 V
Z = 25 V
A = 50 V
B = 100 V
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
G = ± 2 %
H = ± 3 %
J = ± 5 %
K = ± 10 %
Note:
C, D < 10 pF (BP)
F, G, H
≥ 10 pF (BP)
J, K
≥ 10 pF
(BP, BR, BX)
M = Palladium
silver
Z = Ni barrier
with tin/lead
plate min.
4 % lead
C = Full Group C
L = 2000 h life test only
M = 1000 h life test only
H = Low voltage humidity
test only
- = No group C testing
T = 7" Reel Plastic tape
C = 7" Reel Paper tape
J = 7" Reel (low quantity)
R = 11 1/4" Reel Plastic tape
P = 11 1/4" Reel Paper tape
B = Bulk


Similar Part No. - 03028-BXXXXACM

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0302820000 WEIDMULLER-0302820000 Datasheet
1Mb / 52P
   SAK-series
0302830000 WEIDMULLER-0302830000 Datasheet
1Mb / 52P
   SAK-series
0302860000 WEIDMULLER-0302860000 Datasheet
1Mb / 52P
   SAK-series
0302870000 WEIDMULLER-0302870000 Datasheet
1Mb / 52P
   SAK-series
0302880000 WEIDMULLER-0302880000 Datasheet
1Mb / 52P
   SAK-series
More results

Similar Description - 03028-BXXXXACM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC03028 VISHAY-DSCC03028_17 Datasheet
93Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 11-Jan-17
DSCC03028 VISHAY-DSCC03028_V01 Datasheet
91Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
01-Jan-2023
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
DSCC05006 VISHAY-DSCC05006 Datasheet
205Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 20-Feb-08
DSCC03029 VISHAY-DSCC03029_V01 Datasheet
87Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
01-Jan-2023
DSCC05006 VISHAY-DSCC05006_12 Datasheet
82Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 28-Feb-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com