Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12FR80 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 12FR80
Description  Standard Recovery Diodes (Stud Version), 12 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12FR80 Datasheet(HTML) 2 Page - Vishay Siliconix

  12FR80 Datasheet HTML 1Page - Vishay Siliconix 12FR80 Datasheet HTML 2Page - Vishay Siliconix 12FR80 Datasheet HTML 3Page - Vishay Siliconix 12FR80 Datasheet HTML 4Page - Vishay Siliconix 12FR80 Datasheet HTML 5Page - Vishay Siliconix 12FR80 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93487
2
Revision: 29-Sep-08
12F(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 12 A
Note
(1) Available only for avalanche version, all other parameters the same as 12F
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
12
A
144
°C
Maximum RMS forward current
IF(RMS)
19
A
Maximum on-repetitive peak
reverse power
PR(1)
10 µs square pulse, TJ = TJ maximum
7
K/W
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
265
A
t = 8.3 ms
280
t = 10 ms
100 % VRRM
reapplied
225
t = 8.3 ms
235
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
351
A2s
t = 8.3 ms
320
t = 10 ms
100 % VRRM
reapplied
250
t = 8.3 ms
226
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
3510
A2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.77
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.97
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
10.70
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
6.20
Maximum forward voltage drop
VFM
Ipk = 38 A, TJ = 25 °C, tp = 400 µs rectangular wave
1.26
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 65 to 175
°C
Maximum storage temperature range
TStg
- 65 to 200
Maximum thermal resistance,
junction to case
RthJC
DC operation
2
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.5
Allowable mounting torque
Not lubricated threads
1.5 + 0 - 10 %
N · m
13
lbf · in
Lubricated threads
1.2 + 0 - 10 %
N · m
10
lbf · in
Approximate weight
7g
0.25
oz.
Case style
See dimensions - link at the end of datasheet
DO-203AA (DO-4)


Similar Part No. - 12FR80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12FR80 IRF-12FR80 Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
12FR80M IRF-12FR80M Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
More results

Similar Description - 12FR80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
   Standard Recovery Diodes,(Stud Version), 40 A
Revision: 29-Jan-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com