Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD230D Datasheet(PDF) 11 Page - STMicroelectronics

Part # TD230D
Description  ELECTRONIC CIRCUIT BREAKER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD230D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TD230D Datasheet HTML 7Page - STMicroelectronics TD230D Datasheet HTML 8Page - STMicroelectronics TD230D Datasheet HTML 9Page - STMicroelectronics TD230D Datasheet HTML 10Page - STMicroelectronics TD230D Datasheet HTML 11Page - STMicroelectronics TD230D Datasheet HTML 12Page - STMicroelectronics TD230D Datasheet HTML 13Page - STMicroelectronics TD230D Datasheet HTML 14Page - STMicroelectronics TD230D Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Figure 9B : Silkscreen
Figure 9C : Schematic
Figure 9A : PCB (not to scale)
eventual control block, or, if it should not be used,
tied to the GND pin.
4. Th e SHUTDOWN pin i s an open dr ain
CMOS/TTL compatible output which should be tied
to the TTL compatible input of an eventual control
block.
The absolute maximum rating of this output is 7V.
In the case of a visual alarm, a LED is likely to be
tied to the positive power supply which can be
destructive for the Shutdown output if the power
supply is over 7V. An easy way to eliminate this is
to add a 6V zener diode between the Shutdown
output and the Ground as shown on figure 10.
5. The time constant of the protection mode (given
by the charge of CTRIP1/2 capacitors) must be
greater than the time constant of the restart at-
tempts (given by the charge of the CSS 1/2 soft start
capacitors). This condition can be described as
follows :
• VSP1/2 xCTRIP1/2 /IP/N2 >VTH1/2 x
(CSS1/2+CISS1/2)/ IP/N1
TD230
11/15


Similar Part No. - TD230D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD231 ETC-TD231 Datasheet
484Kb / 6P
   Technical Specifications for 5 kA, Normal-Duty Distribution 4.5 kV and 5 kV VariSTAR MOV Disks
More results

Similar Description - TD230D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
   Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
   Electronic Circuit Breaker
logo
PHOENIX CONTACT
102899 PHOENIX-102899 Datasheet
895Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
   Electronic circuit breaker EBU
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
   Electronic miniature circuit-breaker
09/2009
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
   Auto-Reset Electronic Circuit Breaker
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com