Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15CTQ040S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 15CTQ040S
Description  Schottky Rectifier, 2 x 7.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15CTQ040S Datasheet(HTML) 3 Page - Vishay Siliconix

  15CTQ040S Datasheet HTML 1Page - Vishay Siliconix 15CTQ040S Datasheet HTML 2Page - Vishay Siliconix 15CTQ040S Datasheet HTML 3Page - Vishay Siliconix 15CTQ040S Datasheet HTML 4Page - Vishay Siliconix 15CTQ040S Datasheet HTML 5Page - Vishay Siliconix 15CTQ040S Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93947
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
3
15CTQ...S/15CTQ...-1
Schottky Rectifier, 2 x 7.5 A Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
0.1
10
100
VFM - Forward Voltage Drop (V)
0
0.4
0.8
1.2
1.6
2.0
1
1.4
1.0
0.6
0.2
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1.8
VR - Reverse Voltage (V)
010
20
30
45
0.01
0.1
1
10
100
5
40
0.001
35
25
15
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
VR - Reverse Voltage (V)
0
20304050
100
1000
10
T
J = 25 °C
0.001
0.01
0.1
1
10
t1 - Rectangular Pulse Duration (s)
0.00001
0.0001
0.001
0.01
0.1
1
10
100
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
Single pulse
(thermal resistance)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08


Similar Part No. - 15CTQ040S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15CTQ040S IRF-15CTQ040S Datasheet
168Kb / 6P
   SCHOTTKY RECTIFIER
15CTQ040S IRF-15CTQ040S Datasheet
263Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
15CTQ040S VISHAY-15CTQ040S Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
logo
Inchange Semiconductor ...
15CTQ040S ISC-15CTQ040S Datasheet
264Kb / 2P
   Schottky Rectifier
logo
International Rectifier
15CTQ040SPBF IRF-15CTQ040SPBF Datasheet
263Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - 15CTQ040S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15CTQSPBF VISHAY-15CTQSPBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
MBR1535CTPBF VISHAY-MBR1535CTPBF_12 Datasheet
157Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 29-Aug-11
MBR1535CT-1PBF VISHAY-MBR1535CT-1PBF_10 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 15-Mar-10
MBRB15CT VISHAY-MBRB15CT Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 21-Aug-08
VS-MBR15CTPBF VISHAY-VS-MBR15CTPBF Datasheet
169Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 29-Aug-11
MBR15CT VISHAY-MBR15CT Datasheet
107Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
15CTQS-1 VISHAY-15CTQS-1 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
MBR1535CT-1 VISHAY-MBR1535CT-1 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 21-Aug-08
VS-15CTQPBF VISHAY-VS-15CTQPBF Datasheet
171Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 25-Aug-11
15CTQPBF VISHAY-15CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com