Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15CTQS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 15CTQS
Description  Schottky Rectifier, 2 x 7.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15CTQS Datasheet(HTML) 2 Page - Vishay Siliconix

  15CTQS Datasheet HTML 1Page - Vishay Siliconix 15CTQS Datasheet HTML 2Page - Vishay Siliconix 15CTQS Datasheet HTML 3Page - Vishay Siliconix 15CTQS Datasheet HTML 4Page - Vishay Siliconix 15CTQS Datasheet HTML 5Page - Vishay Siliconix 15CTQS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93947
2
Revision: 22-Aug-08
15CTQ...S/15CTQ...-1
Vishay High Power Products Schottky Rectifier, 2 x 7.5 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
See fig. 1
VFM (1)
7.5 A
TJ = 25 °C
0.55
V
15 A
0.70
7.5 A
TJ = 125 °C
0.51
15 A
0.65
Maximum reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
0.8
mA
TJ = 125 °C
32
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
400
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
See fig. 4
3.50
°C/W
Maximum thermal resistance,
junction to case per package
DC operation
1.75
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style D2PAK
15CTQ035S
15CTQ040S
15CTQ045S
Case style TO-262
15CTQ035-1
15CTQ040-1
15CTQ045-1


Similar Part No. - 15CTQS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15CTQS IRF-15CTQS Datasheet
168Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
15CTQS-1 VISHAY-15CTQS-1 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
15CTQSPBF VISHAY-15CTQSPBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
More results

Similar Description - 15CTQS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15CTQSPBF VISHAY-15CTQSPBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
MBR1535CTPBF VISHAY-MBR1535CTPBF_12 Datasheet
157Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 29-Aug-11
MBR1535CT-1PBF VISHAY-MBR1535CT-1PBF_10 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 15-Mar-10
MBRB15CT VISHAY-MBRB15CT Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 21-Aug-08
VS-MBR15CTPBF VISHAY-VS-MBR15CTPBF Datasheet
169Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 29-Aug-11
MBR15CT VISHAY-MBR15CT Datasheet
107Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
15CTQS-1 VISHAY-15CTQS-1 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
MBR1535CT-1 VISHAY-MBR1535CT-1 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 21-Aug-08
VS-15CTQPBF VISHAY-VS-15CTQPBF Datasheet
171Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 25-Aug-11
15CTQPBF VISHAY-15CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com