Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9425 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG9425
Description  Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9425 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG9425 Datasheet HTML 2Page - Vishay Siliconix DG9425 Datasheet HTML 3Page - Vishay Siliconix DG9425 Datasheet HTML 4Page - Vishay Siliconix DG9425 Datasheet HTML 5Page - Vishay Siliconix DG9425 Datasheet HTML 6Page - Vishay Siliconix DG9425 Datasheet HTML 7Page - Vishay Siliconix DG9425 Datasheet HTML 8Page - Vishay Siliconix DG9425 Datasheet HTML 9Page - Vishay Siliconix DG9425 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DG9424/9425/9426
Vishay Siliconix
www.vishay.com
8
Document Number: 71807
S-31818—Rev. D, 01-Sep-03
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
FIGURE 1.
Level
Shift/
Drive
VIN
VL
S
V+
GND
V--
D
V--
V+
TEST CIRCUITS
FIGURE 2. Switching Time
Logic
Input
Switch
Output
50%
0V
Switch
VOUT
tr <5 ns
tf <5 ns
90%
tOFF
tON
Note:
Logic input waveform is inverted for switches that
have the opposite logic sense control
CL (includes fixture and stray capacitance)
V+
IN
RL
RL +rON
VOUT =VIN
V--
GND
VL
CL
35 pF
V--
RL
300
VL
V+
FIGURE 3. Break-Before-Make (DG9426)
0V
Logic
Input
Switch
Switch
Output
3V
50%
0V
Output
0V
90%
VO2
VO1
90%
VIN1
VIN2
tD
tD
VO2
CL (includes fixture and stray capacitance)
V+
NC2
V--
NO1
VL
VIN2
IN2
COM2
VIN1
RL2
300
COM1
VO1
CL2
35 pF
GND
RL1
300
CL1
35 pF
IN1
V--
VIN
NO or NC
COM
VOUT
VINH
VINL
0.9 x VOUT


Similar Part No. - DG9425

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9425 VISHAY-DG9425 Datasheet
94Kb / 9P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. C, 16-Jun-03
DG9425 VISHAY-DG9425 Datasheet
169Kb / 12P
   Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Rev. E, 31-Aug-09
DG9425 VISHAY-DG9425 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
DG9425DQ VISHAY-DG9425DQ Datasheet
94Kb / 9P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. C, 16-Jun-03
DG9425DQ VISHAY-DG9425DQ Datasheet
169Kb / 12P
   Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Rev. E, 31-Aug-09
More results

Similar Description - DG9425

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9426 VISHAY-DG9426_V01 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
DG9424 VISHAY-DG9424_09 Datasheet
169Kb / 12P
   Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Rev. E, 31-Aug-09
DG9424 VISHAY-DG9424 Datasheet
94Kb / 9P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. C, 16-Jun-03
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com