Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15CTQ045 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 15CTQ045
Description  Schottky Rectifier, 2 x 7.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15CTQ045 Datasheet(HTML) 1 Page - Vishay Siliconix

  15CTQ045 Datasheet HTML 1Page - Vishay Siliconix 15CTQ045 Datasheet HTML 2Page - Vishay Siliconix 15CTQ045 Datasheet HTML 3Page - Vishay Siliconix 15CTQ045 Datasheet HTML 4Page - Vishay Siliconix 15CTQ045 Datasheet HTML 5Page - Vishay Siliconix 15CTQ045 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93228
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
1
Schottky Rectifier, 2 x 7.5 A
15CTQ... Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Center tap TO-220 package
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for industrial level
DESCRIPTION
The 15CTQ... center tap Schottky rectifier series has been
optimized for very low forward voltage drop, with moderate
leakage. The proprietary barrier technology allows for
reliable operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 7.5 A
VR
35 to 45 V
TO-220AB
Anode
1
3
2
Base
common
cathode
2
Common
cathode
Anode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
15
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 µs sine
810
A
VF
7.5 Apk, TJ = 125 °C (per leg)
0.51
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
15CTQ035
15CTQ040
15CTQ045
UNITS
Maximum DC reverse voltage
VR
35
40
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 123 °C, rectangular waveform
15
A
Maximum peak one cycle
non-repetitive surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
810
A
10 ms sine or 6 ms rect. pulse
145
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 1.20 A, L = 11.10 mH
10
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.5
A


Similar Part No. - 15CTQ045

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
15CTQ045 MICROSEMI-15CTQ045 Datasheet
151Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Inchange Semiconductor ...
15CTQ045 ISC-15CTQ045 Datasheet
257Kb / 2P
   Schottky Rectifier
logo
International Rectifier
15CTQ045-1 IRF-15CTQ045-1 Datasheet
168Kb / 6P
   SCHOTTKY RECTIFIER
15CTQ045-1 IRF-15CTQ045-1 Datasheet
263Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
15CTQ045-1 VISHAY-15CTQ045-1 Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
More results

Similar Description - 15CTQ045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15CTQS VISHAY-15CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
15CTQSPBF VISHAY-15CTQSPBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
MBR1535CTPBF VISHAY-MBR1535CTPBF_12 Datasheet
157Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 29-Aug-11
MBR1535CT-1PBF VISHAY-MBR1535CT-1PBF_10 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 15-Mar-10
MBRB15CT VISHAY-MBRB15CT Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 21-Aug-08
VS-MBR15CTPBF VISHAY-VS-MBR15CTPBF Datasheet
169Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 29-Aug-11
MBR15CT VISHAY-MBR15CT Datasheet
107Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
15CTQS-1 VISHAY-15CTQS-1 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
MBR1535CT-1 VISHAY-MBR1535CT-1 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 21-Aug-08
VS-15CTQPBF VISHAY-VS-15CTQPBF Datasheet
171Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 25-Aug-11
15CTQPBF VISHAY-15CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com