Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9422 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG9422
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9422 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG9422 Datasheet HTML 1Page - Vishay Siliconix DG9422 Datasheet HTML 2Page - Vishay Siliconix DG9422 Datasheet HTML 3Page - Vishay Siliconix DG9422 Datasheet HTML 4Page - Vishay Siliconix DG9422 Datasheet HTML 5Page - Vishay Siliconix DG9422 Datasheet HTML 6Page - Vishay Siliconix DG9422 Datasheet HTML 7Page - Vishay Siliconix DG9422 Datasheet HTML 8Page - Vishay Siliconix DG9422 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
DG9421, DG9422
Document Number: 70679
S-82265-Rev. F, 29-Sep-08
www.vishay.com
1
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
FEATURES
2.7- thru 12 V single supply or
± 2.7- thru ± 6-dual supply
Low on-resistance - RDS(on): 2.0 Ω at 12 V
Fast switching - tON: 28 ns
•- tOFF: 22 ns
TTL and low voltage logic
Low leakage: 10 pA (typ.)
> 2000 V ESD protection
BENEFITS
High accuracy
High speed, low glitch
Single and dual supply capability
Low RON in small TSOP package
Low leakage
Low power consumption
APPLICATIONS
Automatic test equipment
Data acquisition
XDSL and DSLAM
PBX systems
Reed relay replacement
Audio and video signal routing
DESCRIPTION
Using BiCMOS wafer fabrication technology allows the
DG9421, DG9422 to operate on single and dual supplies.
Designed for optimal performance at single 5 V and dual
± 5 V, the DG9421, DG9422 combine low and flat
on-resistance (3
Ω), fast speed (t
ON = 38 ns) and is well
suited for applications where signal switching accuracy, low
noise and low distortion is critical.
The DG9421 and DG9422 respond to opposite control logic
as shown in the Truth Table.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic "0"
≤ 0.8 V
Logic "1"
≥ 2.4 V
Switches Shown for Logic "0" Input
* Pb containing terminations are not RoHS compliant, exemptions may apply
IN
NC
GND
1
2
3
6
5
Top View
V+
COM
V-
4
TSOP-6
Device Marking:
DG9421DV = 4Exxx
IN
NO
GND
1
2
3
6
5
Top View
V+
COM
V-
4
TSOP-6
Device Marking:
DG9422DV = 4Fxxx
TRUTH TABLE
Logic
DG9421
DG9422
0ON
OFF
1OFF
ON
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 85 °C
6/Pin TSOP
DG9421DV-T1
DG9421DV-T1-E3
DG9422DV-T1
DG9422DV-T1-E3
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG9422

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9422 VISHAY-DG9422 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9422 VISHAY-DG9422 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG9422 VISHAY-DG9422 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9422DV VISHAY-DG9422DV Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9422DV-T1 VISHAY-DG9422DV-T1 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
More results

Similar Description - DG9422

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. E, 14-May-07
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com